Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D21 Datasheet(PDF) 20 Page - Omron Electronics LLC

Part No. E32-D21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D21 Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button E32-D21 Datasheet HTML 16Page - Omron Electronics LLC E32-D21 Datasheet HTML 17Page - Omron Electronics LLC E32-D21 Datasheet HTML 18Page - Omron Electronics LLC E32-D21 Datasheet HTML 19Page - Omron Electronics LLC E32-D21 Datasheet HTML 20Page - Omron Electronics LLC E32-D21 Datasheet HTML 21Page - Omron Electronics LLC E32-D21 Datasheet HTML 22Page - Omron Electronics LLC E32-D21 Datasheet HTML 23Page - Omron Electronics LLC E32-D21 Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 108 page
background image
E32
E32
21
J
THROUGH-BEAM, SPECIAL PURPOSE TYPE
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
Mark/edge Ideal for mark
A
10 mm
0.5 mm dia.
E32-G14
Mark/edge
detection
Ideal for mark
sensing or belt
alignment; no optical
DAN-HS
10 mm
------------------------
E32-G14
alignment; no optical
axis adjustment
i d
10 mm
DAN-LD
10 mm
------------------------
j
required; easy to
mount; 1 mm ID fiber
10 mm
2
(6 56 ft) l
th
DAN-SM
10 mm
0.16 mm dia.
mount; 1 mm ID fiber
2 m (6.56 ft) length
F
10 mm
0.5 mm dia.
H
10 mm
Contact Omron
NH
10 mm
Contact Omron
NHB
Contact Omron
Contact Omron
NM
10 mm
0.7 mm dia.
NT
10 mm
0.4 mm dia.
NV
10 mm
0.4 mm dia.
NVG
10 mm
0.6 mm dia.
VG
10 mm
0.6 mm dia.
Area
i
Use with
E3XA CC4A f
A
150 mm
0.3 mm dia.
E32-M21
sensing
E3XA-CC4A for
shape recognition;
DAN-HS
250 mm
--------------------------
shape recognition;
0.5 mm ID fiber
M3 threaded head
x11 mm (0 43 in) L
DAN-LD
700 mm
--------------------------
x11 mm (0.43 in) L
2
(6 56 ft) l
th
DAN-SM
610 mm
0.01 mm dia.
2 m (6.56 ft) length
F
65 mm
0.3 mm dia.
H
300 mm
0.4 mm dia.
NH
300 mm
0.04 mm dia.
NHB
Contact Omron
Contact Omron
NM
200 mm
0.2 mm dia.
NT
210 mm
0.1 mm dia.
NV
210 mm
0.1 mm dia.
NVG
20 mm
0.3 mm dia.
VG
20 mm
0.3 mm dia.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn