Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D21 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part No. E32-D21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D21 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button E32-D21 Datasheet HTML 12Page - Omron Electronics LLC E32-D21 Datasheet HTML 13Page - Omron Electronics LLC E32-D21 Datasheet HTML 14Page - Omron Electronics LLC E32-D21 Datasheet HTML 15Page - Omron Electronics LLC E32-D21 Datasheet HTML 16Page - Omron Electronics LLC E32-D21 Datasheet HTML 17Page - Omron Electronics LLC E32-D21 Datasheet HTML 18Page - Omron Electronics LLC E32-D21 Datasheet HTML 19Page - Omron Electronics LLC E32-D21 Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 108 page
background image
E32
E32
17
J
THROUGH-BEAM, SIDE BEAM TYPE
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
Long
Built-in lens provides
A
900 mm
0.2 mm dia.
E32-T14
Long
distance
Built in lens provides
long sensing
distance; each
DAN-HS
1,250 mm
----------------------------
E32-T14
distance; each
sensing head has
3 2
DAN-LD
4,000 mm
----------------------------
g
two 3.2 mm screw
mounting holes;
2 m (6.56 ft) length
DAN-SM
3,400 mm
0.01 mm dia.
mounting holes;
25 mm bending
di
1
ID fib
F
380 mm
0.2 mm dia.
g
radius; 1 mm ID fiber
H
1,800 mm
0.2 mm dia.
NH
1,800 mm
0.08 mm dia.
NHB
200mm
0.08 mm dia.
NM
1,000 mm
0.2 mm dia.
NT
1,070 mm
0.2 mm dia.
NV
1,070 mm
0.2 mm dia.
NVG
80 mm
0.2 mm dia.
VG
80 mm
0.2 mm dia.
Long
di t
Space-saving
ti
25
3mm
(
i )
A
120 mm
0.1 mm dia.
E32-T14L
g
distance
p
g
mounting; 25 mm
bending radius;
3 mm
(0.12 in)
dia. x 35
DAN-HS
170 mm
--------------------------
E32-T14L
bending radius;
1 mm ID fiber
dia. x 35
mm (1.38
in) L
DAN-LD
570 mm
--------------------------
in) L
DAN-SM
460 mm
0.01 mm dia.
2 m (6.56 ft) length
F
30 mm
0.2 mm dia.
H
240 mm
0.2 mm dia.
NH
240 mm
0.08 mm dia.
NHB
30 mm
0.08 mm dia.
NM
130 mm
0.3 mm dia.
NT
140 mm
0.2 mm dia.
NV
140 mm
0.2 mm dia.
NVG
10 mm
0.1 mm dia.
VG
10 mm
0.1 mm dia.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn