Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D21 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part No. E32-D21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D21 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E32-D21 Datasheet HTML 7Page - Omron Electronics LLC E32-D21 Datasheet HTML 8Page - Omron Electronics LLC E32-D21 Datasheet HTML 9Page - Omron Electronics LLC E32-D21 Datasheet HTML 10Page - Omron Electronics LLC E32-D21 Datasheet HTML 11Page - Omron Electronics LLC E32-D21 Datasheet HTML 12Page - Omron Electronics LLC E32-D21 Datasheet HTML 13Page - Omron Electronics LLC E32-D21 Datasheet HTML 14Page - Omron Electronics LLC E32-D21 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
E32
E32
12
J
THROUGH-BEAM, GENERAL PURPOSE TYPE
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
General
M3; suitable for
A
50 mm
0.1mm dia.
E32-TC200E
General
purpose
M3; suitable for
detecting minute
objects; 25 mm
M3 threaded head x
11 mm (0 43 in) L
DAN-HS
90 mm
----------------------------
E32 TC200E
objects; 25 mm
bending radius;
0 5
ID fib
11 mm (0.43 in) L
2 m (6 56 ft) length
DAN-LD
250 mm
----------------------------
g
;
0.5 mm ID fiber
2 m (6.56 ft) length
DAN-SM
220 mm
0.01 mm dia.
F
26 mm
0.1 mm dia.
H
100 mm
0.1 mm dia.
NH
100 mm
0.04 mm dia.
NHB
Contact Omron
Contact Omron
NM
70 mm
0.2 mm dia.
NT
75 mm
0.1 mm dia.
NV
75 mm
0.1 mm dia.
NVG
8mm
0.1 mm dia.
VG
8mm
0.1 mm dia.
General
Extended length and
i
di t
A
200 (1,500*) mm
0.2 mm dia.
E32-TC500
purpose
g
sensing distance;
25 mm bending
M4 threaded head x DAN-HS
Contact Omron
Contact Omron
25 mm bending
radius; 1 mm ID fiber
M4 threaded head x
14 mm (0.55 in) L
DAN-LD
Contact Omron
Contact Omron
5 m (16.4 ft) length
DAN-SM
Contact Omron
Contact Omron
F
80 mm
0.2 mm dia.
H
400 (3,000*) mm
0.2 mm dia.
NH
Contact Omron
Contact Omron
NHB
Contact Omron
Contact Omron
NM
Contact Omron
Contact Omron
NT
Contact Omron
Contact Omron
NV
Contact Omron
Contact Omron
NVG
Contact Omron
Contact Omron
VG
28 mm
0.2 mm dia.
General
Extended length and
i
di t
A
500 (1000*) mm
0.01 mm dia.
E32-TC1000
purpose
g
sensing distance;
25 mm bending
M4 threaded head x
(
i ) L
DAN-HS
Contact Omron
Contact Omron
25 mm bending
radius; 1 mm ID fiber
M4 threaded head x
14 mm (0.55 in) L
DAN-LD
Contact Omron
Contact Omron
10 m (32.8 ft) length DAN-SM
Contact Omron
Contact Omron
F
500(1,000*) mm
0.01 mm dia.
H
500 (1,000*) mm
0.01 mm dia.
NH
Contact Omron
Contact Omron
NHB
Contact Omron
Contact Omron
NM
Contact Omron
Contact Omron
NT
Contact Omron
Contact Omron
NV
Contact Omron
Contact Omron
NVG
Contact Omron
Contact Omron
VG
500 (1,000*) mm
0.01 mm dia.
Note: *Value in parentheses represents the sensing distance of the fiber when the E39-F1 lens is attached to its tip.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn