Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D21 Datasheet(PDF) 100 Page - Omron Electronics LLC

Part No. E32-D21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D21 Datasheet(HTML) 100 Page - Omron Electronics LLC

Back Button E32-D21 Datasheet HTML 96Page - Omron Electronics LLC E32-D21 Datasheet HTML 97Page - Omron Electronics LLC E32-D21 Datasheet HTML 98Page - Omron Electronics LLC E32-D21 Datasheet HTML 99Page - Omron Electronics LLC E32-D21 Datasheet HTML 100Page - Omron Electronics LLC E32-D21 Datasheet HTML 101Page - Omron Electronics LLC E32-D21 Datasheet HTML 102Page - Omron Electronics LLC E32-D21 Datasheet HTML 103Page - Omron Electronics LLC E32-D21 Datasheet HTML 104Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 108 page
background image
E32
E32
101
J
DIFFUSE TYPE (CONT.)
Probe Type
E32-DC200D
E32-DC200D4
Two, 1.0
(0.04) dia.
5.2
2.5 dia.
max.
Stainless
tube
(SUS304)
90 (3.54)
Two toothed washers
Two hexagon clamping nuts
Sensing head M6
x 0.75 (SUS304)
Optical fiber,
two, 2.2 dia.
150 (5.90)
22 dia.
(0.87)
400
(15.8)
90
(3.54)
17
(0.67)
2.4
[40 (1.57)]
See note
Note:
The values in the brackets are for the E32-DC200D4.
2 m (6.56 ft.)
when straight
10
(0.39)
E32-DC200F
E32-DC200F4
Two, 0.5
(0.02) dia.
2.5
1.8
90 (3.5)
[40 (1.57)]
See note.
Note:
The values in the brackets are for the E32-TC200F4.
1.2 dia. min.
Stainless tube
(SUS304)
Sensing head M3 x 0.5
(SUS304)
Two hexagon clamping nuts
Two toothed washers
Optical fiber, two, 1 dia.
Fiber
attachment
(E39-F9)
2 m (6.56 ft.)
25 (0.98)
5.5
(0.22)
11
(0.43)
10
(0.39)
E32-DC9G
E32-DC9G4
1.2 (0.05)
dia. max.
Stainless tube
Sleeve
13
(0.51)
7.5
8
15 (0.59)
Do not bend the stainless
tube in this range.
90 (3.54)
[40 (1.57)]
See note
17
(0.67)
4 (0.16)
10
(0.39)
6
(0.24)
Note:
The values in the brackets are for the E32-DC9G4.
Side Sensing Type
5.7
6 (0.24)
dia.
45°
Sensinghead
(stainless)
Heat-shrinkable tubing
Optical fiber,
two, 2.2
(0.09) dia.
Sensing surface
Light baffle
2
1.5
1
E32-D14L
2 m (6.56 ft.)
30 (1.18)
12 (0.47)
35 (1.38)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn