Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D21 Datasheet(PDF) 99 Page - Omron Electronics LLC

Part No. E32-D21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D21 Datasheet(HTML) 99 Page - Omron Electronics LLC

Back Button E32-D21 Datasheet HTML 95Page - Omron Electronics LLC E32-D21 Datasheet HTML 96Page - Omron Electronics LLC E32-D21 Datasheet HTML 97Page - Omron Electronics LLC E32-D21 Datasheet HTML 98Page - Omron Electronics LLC E32-D21 Datasheet HTML 99Page - Omron Electronics LLC E32-D21 Datasheet HTML 100Page - Omron Electronics LLC E32-D21 Datasheet HTML 101Page - Omron Electronics LLC E32-D21 Datasheet HTML 102Page - Omron Electronics LLC E32-D21 Datasheet HTML 103Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 108 page
background image
E32
E32
100
J
DIFFUSE TYPE (CONT.)
Armored Type
E32-UDAT1-3F
E32-UDAT1-6F
12.7 (0.5)
Ø1.7 (0.066)
(Fiber Bundle)
38.1 (1.5)
50.8 (2.0)
A
L
B
5.0 (0.197)
17.0 (0.669)
4.0 (0.157)
4.0 (0.157)
15.0 (0.59)
Ø8.0 (0.315)
Ø5.0 (0.197)
Ø2.2 (0.087)
(303 stainless steel)
5.1 (0.2)
(304 stainless steel)
(ABS)
(5/16 -- 24) thread
(303 stainless steel)
Note: 1. Distance A can withstand 150°C (302°F); Distance B can withstand 70°C (158°F); L= 3ft. or 6ft.
2. L = 3ft. for E32-UDAT1-3F; 6ft. for E32-UDAT1-6F
190.5 (7.5)
38.1 (1.5)
(Epoxy-filled PVC)
E32--UDBT1--3F
E32--UDBT1--6F
12.7 (0.5)
Ø3.2 (0.125)
(Fiber Bundle)
38.1 (1.5)
A
L
B
12.7 (0.5)
15.2 (0.6)
Ø7.1 (0.281)
Ø4.7 (0.187)
(303 stainless
steel)
5.9 (0.234)
(304 stainless
steel)
(5/16 -- 24) thread
(303 stainless steel)
0.9 (0.035)
25.4 (1.0)
(PVC)
38.1 (1.5)
152.4 (6.0)
Note: 1. Distance A can withstand 200°C (392°F); Distance B can withstand 70°C (158°F)
2. L = 3ft. for E32-UDBT1-3F; 6ft. for E32-UDBT1-6F
Probe Type
E32-D33
Two, 0.25
(0.01) dia.
0.8
(0.03)
dia.
Sensing head
(SUS303)
3 (0.12)
dia.
Heat-shrinkable
tubing
Optical fiber, two,
1 (0.04) dia.
Fiber attachment
(E39-F9)
35 (1.38)
25
(0.98)
2 m (6.56 ft.)
15 (0.59)
15 (0.59)
12 (0.47)
10
(0.39)
E32-DC200B
E32-DC200B4
Two, 1.0 dia.
2.5 dia.
max.
Stainless
tube
(SUS304)
Two toothed washers
Two hexagon clamping nuts
Sensing head M6 x 0.75 (fine screw)
Optical fiber,2.2 dia.
2.4
90 (3.54)
[40 (1.57)]
See note
2 m (6.56 ft.)
17
(0.67)
5.2
10
(0.39)
Note: The values in the brackets are for the E32-DC200B4.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn