Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D21 Datasheet(PDF) 94 Page - Omron Electronics LLC

Part No. E32-D21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D21 Datasheet(HTML) 94 Page - Omron Electronics LLC

Back Button E32-D21 Datasheet HTML 90Page - Omron Electronics LLC E32-D21 Datasheet HTML 91Page - Omron Electronics LLC E32-D21 Datasheet HTML 92Page - Omron Electronics LLC E32-D21 Datasheet HTML 93Page - Omron Electronics LLC E32-D21 Datasheet HTML 94Page - Omron Electronics LLC E32-D21 Datasheet HTML 95Page - Omron Electronics LLC E32-D21 Datasheet HTML 96Page - Omron Electronics LLC E32-D21 Datasheet HTML 97Page - Omron Electronics LLC E32-D21 Datasheet HTML 98Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 108 page
background image
E32
E32
95
J
THROUGH-BEAM TYPE (CONT.)
Side Sensing Type
Sensing head 1 (0.04) dia.
E32-T24
15
1
0.5
SUS304 2 (0.07) dia.
1.4 dia.
12
1.5
Optical fiber, 1 dia.
Protective tube
45°
Fiber attachment
(E39-F9)
2 m (6.56 ft.)
25 (0.99)
35 (1.38)
15 (0.59)
10
(0.39)
High Temperature Type
17
(0.67)
E32-T51
Two toothed washers
Two hexagon clamping nuts
Sensing head M4 x 0.7 (nickel-plated brass)
Optical fiber, 2.2 dia.
15
2.4
1
2.85 dia.
1.5
(0.06) dia.
Note: Resistant temperature is 150°C (302°F). Resistant temperature is 130°C (266°F) when used
continuously.
2 m (6.56 ft.)
7
(0.28)
E32-T61
Note: Section A resists 300°C and section B (which is inserted to the amplifier) resists 110°C.
The operating temperature of section B must also be within the withstand temperature
range of the amplifier.
72.4
A
(See note)
5
B
3
10
4dia.
4 dia. 5 dia.
2.8 dia.
Sleeve
M2.6 x 0.45
SUS flexible tube Hexagon clamping screw
1.0
(0.04) dia.
Two hexagon clamping nuts
Two toothed washers
Sensing head M4 x 0.7
(SUS303)
2 m (6.56 ft.)
20 (0.79)
(0.28)
28 (1.10)
13 (0.51)
Special Purpose
24
(0.95)
7.4
(0.29)
7.0
E32-G14
Mounting Holes
36.3 (1.43)
9.2
R1.6
R1.6
3.2
R3.5
4
1.6
1.6
Two, M3
Optical axis
Lens
(PMMA)
Sensing head (ABS)
22
(6.56 ft.)
10
9.4
(0.37)
Optical fiber
2.2 (0.86) dia.
20 (0.79)
9.0 (0.35)
23.5 (0.92)
9.4
(0.37)
25.2 (0.99)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn