Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D21 Datasheet(PDF) 90 Page - Omron Electronics LLC

Part No. E32-D21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D21 Datasheet(HTML) 90 Page - Omron Electronics LLC

Back Button E32-D21 Datasheet HTML 86Page - Omron Electronics LLC E32-D21 Datasheet HTML 87Page - Omron Electronics LLC E32-D21 Datasheet HTML 88Page - Omron Electronics LLC E32-D21 Datasheet HTML 89Page - Omron Electronics LLC E32-D21 Datasheet HTML 90Page - Omron Electronics LLC E32-D21 Datasheet HTML 91Page - Omron Electronics LLC E32-D21 Datasheet HTML 92Page - Omron Electronics LLC E32-D21 Datasheet HTML 93Page - Omron Electronics LLC E32-D21 Datasheet HTML 94Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 108 page
background image
E32
E32
91
J
THROUGH-BEAM TYPE (CONT.)
3.2
7
(0.28)
1.0
(0.04) dia.
M2.6 x 0.45
Two toothed washers
Two hexagon clamping nuts
Sensing head M4 x 0.7
(nickel-plated brass)
Optical fiber, 2.2 dia.
2.4
3
* This length is 50 cm for E32-TC50, 5 m for E32-TC500 and 10 m for E32-TC10000.
* 2 m (6.56 ft.)
14
(0.55)
E32-TC50, E32-TC200, E32-TC500,
E32-TC1000
1.8
1.0
(0.04) dia.
2.6 dia.
Two toothed washers
Two hexagon clamping nuts
Sensing head M3 x 0.5 (nickel-plated brass)
Optical fiber, 2.2 dia.
3dia.
1.5
E32-TC200A
5.5
(0.22)
2 m (6.56 ft.)
7
(0.28) 14
(0.55)
E32-TC200C
1.0
(0.04) dia. Sensing head
M2.6 x 0.45
Two toothed washers
Two hexagon clamping nuts
M4x0.7 (nickel-
plated brass)
Optical fiber,
2.2 dia.
75 (3.0)
3
(0.12)
2.4
7
(0.28)
11
(0.43)
90
(3.54)
400
(15.8)
2 m (6.56 ft.)
when straight
22
(0.87) dia.
E32-TC200E
0.5
(0.02) dia.
10
5.5
(0.22)
1.8
2.5
(0.10)
Optical fiber, 1 dia.
Sensing head M3 x 0.5
(nickel-plated brass)
Fiber attachment
(E39-F9)
Two toothed washers
Two hexagon clamping nuts
25 (0.99)
2 m (6.56 ft.)
11
(0.43)
Armored Type
E32-UTAT1-3F
E32-UTAT1-6F
12.7 (0.5)
Ø1.27 (0.05)
(Fiber Bundle)
38.1 (1.5)
50.8 (2)
A
L
B
5.0 (0.197)
17.0 (0.669)
4.0 (0.157)
4.0 (0.157)
15.0 (0.59)
Ø8.0 (0.315)
Ø5.0 (0.197)
Ø2.2 (0.087)
(303 stainless
steel)
5.1 (0.2)
(304 stainless steel)
(ABS)
(5/16 -- 24) thread
(303 stainless steel)
Note: 1. Distance A can withstand 150°C (302°F); Distance B can withstand 70°C (158°F);
2. L = 3ft. for E32-UTAT1-3F; 6ft. for E32-UTAT1-6F


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn