Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D21 Datasheet(PDF) 68 Page - Omron Electronics LLC

Part No. E32-D21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D21 Datasheet(HTML) 68 Page - Omron Electronics LLC

Back Button E32-D21 Datasheet HTML 64Page - Omron Electronics LLC E32-D21 Datasheet HTML 65Page - Omron Electronics LLC E32-D21 Datasheet HTML 66Page - Omron Electronics LLC E32-D21 Datasheet HTML 67Page - Omron Electronics LLC E32-D21 Datasheet HTML 68Page - Omron Electronics LLC E32-D21 Datasheet HTML 69Page - Omron Electronics LLC E32-D21 Datasheet HTML 70Page - Omron Electronics LLC E32-D21 Datasheet HTML 71Page - Omron Electronics LLC E32-D21 Datasheet HTML 72Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
E32
E32
69
J
EXCESS GAIN RATIO (CONT.)
Diffuse, High Temperature Type
E32-D61 with E3X-A11 amplifier
E32-D73 with E3X-A11 amplifier
Diffuse, Special Purpose Type
E32-D12F with E3X-A, E3X-F and
E3X-VG amplifiers
E32-L25, E32-L25A with E3X-A11 amplifier
Retroreflective Type
E32-R21 with E3X-A11 amplifier
E32-R16 with E3X-A11 amplifier
E32-R21 with E3XA-CC4A analog
output amplifier
Sensing distance (mm)
E3X-A
Operating level
Sensing distance (mm)
Operating level
E3X-F
j
200
3
2
1
E3X-VG
j
Sensing distance (mm)
Sensing object
Sensing distance
E3X-A
j
Operating level
0
5
6
40
80
120
160
4
Sensing distance (mm)
Operating level
Sensing distance (mm)
0.1
Sensing distance (m)
01
2
3
4
Vcc =12 V
Adjuster: MAX.
Sensing distance (mm)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn