Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-D11 Datasheet(PDF) 48 Page - Omron Electronics LLC

Part # E32-D11
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 48 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 44Page - Omron Electronics LLC E32-D11 Datasheet HTML 45Page - Omron Electronics LLC E32-D11 Datasheet HTML 46Page - Omron Electronics LLC E32-D11 Datasheet HTML 47Page - Omron Electronics LLC E32-D11 Datasheet HTML 48Page - Omron Electronics LLC E32-D11 Datasheet HTML 49Page - Omron Electronics LLC E32-D11 Datasheet HTML 50Page - Omron Electronics LLC E32-D11 Datasheet HTML 51Page - Omron Electronics LLC E32-D11 Datasheet HTML 52Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
E32
E32
49
Diffuse Fiber-optic Cables for E3A2-X and E3S-X3 Amplifiers
Application Features
Appearance
Type
Detection distance
Standard object
(see note)
Part number
High
accuracy
positioning
Concentric beam:
emitter in the center
andaringof 16
receivers in the 2 5
M6 threaded head x
20 mm (0 79 in) L
A2X
50 mm
30 x 30 mm
E32-CC200
receivers in the 2.5
mm dia. tip; 25 mm
bending radius;
1 mm ID fiber
20 mm (0.79 in) L
2 m (6.56 ft) length
SX3
General
purpose
Compact threaded
head; 25 mm bend-
ing radius; 1 mm ID
M6 threaded head x
A2X
50 mm
30 x 30 mm
E32-DC200
ing radius; 1 mm ID
fiber
M6 threaded head x
14 mm (0.55 in) L
2 m (6.56 ft) length
SX3
Thin probe Probe for space--
confined sensing
areas; 25 mm
M6 threaded head
90
(3 54 i )
A2X
50 mm
30 x 30 mm
E32-DC200B
areas; 25 mm
bending radius;
1 mm ID fiber
M6 threaded head
90 mm (3.54 in)
probe length
2 m (6.56 ft) length
SX3
General
purpose
Coiled cable ideal for
moving parts; 25 mm
bending radius;
1 mm ID fiber
M6 threaded head x
17 mm (0 67 in) L
A2X
15 mm
30 x 30 mm
E32-DC200C
1 mm ID fiber
17 mm (0.67 in) L
64 cm (2.1 ft) L
coiled; 2 m (6.56 ft)
extended.
SX3
Thin probe Sensing head with
90 mm probe; spiral
coiled cable with-
stands repeated
stretching from
M6 threaded head
90 mm (3.54 in)
probe length
A2X
15 mm
30 x 30 mm
E32-DC200D
stretching from
reciprocating
machine parts; 25
mm bending radius;
1 mm ID fiber
probe length
64 cm (2.1 ft) L
coiled; 2 m (6.56 ft)
extended
SX3
General
purpose
Thin fiber with small
easy-to-mount
head ; 25 mm
M3 threaded head x
A2X
12 mm
15 x 15 mm
E32-DC200E
head.; 25 mm
bending radius;
0.5 mm ID fiber
M3 threaded head x
11 mm (0.43 in) L
2 m (6.56 ft) length
SX3
Thin probe Sensing head with
90 mm probe; 25
mm bending radius;
M3 threaded head
90 mm (3 54 in)
A2X
12 mm
15 x 15 mm
E32-DC200F
mm bending radius;
0.5 mm ID fiber
90 mm (3.54 in)
length probe
2 m (6.56 ft) length
SX3
Note: A standard object for the diffuse fiber-optic cables is a Kodak 90% reflectance white card.


Similar Part No. - E32-D11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D11 OMRON-E32-D11 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-D11 OMRON-E32-D11 Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-D11L OMRON-E32-D11L Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-D11N OMRON-E32-D11N Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-D11R OMRON-E32-D11R Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
More results

Similar Description - E32-D11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
   Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
   Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com