Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D11 Datasheet(PDF) 29 Page - Omron Electronics LLC

Part No. E32-D11
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 25Page - Omron Electronics LLC E32-D11 Datasheet HTML 26Page - Omron Electronics LLC E32-D11 Datasheet HTML 27Page - Omron Electronics LLC E32-D11 Datasheet HTML 28Page - Omron Electronics LLC E32-D11 Datasheet HTML 29Page - Omron Electronics LLC E32-D11 Datasheet HTML 30Page - Omron Electronics LLC E32-D11 Datasheet HTML 31Page - Omron Electronics LLC E32-D11 Datasheet HTML 32Page - Omron Electronics LLC E32-D11 Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 108 page
background image
E32
E32
30
J
DIFFUSE, GENERAL PURPOSE TYPE (CONT.)
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
(see note)
Min. detectable
object (gold wire)
Part number
General
Coiled cable ideal for
A
22 mm
0.03 mm dia.
E32-DC200C
General
purpose
Coiled cable ideal for
moving parts; 25 mm
bending radius;
M6 threaded head x
DAN-HS
Contact Omron
Contact Omron
bending radius;
1 mm ID fiber
M6 threaded head x
17 mm (0.67 in) L
DAN-LD
Contact Omron
Contact Omron
17 mm (0.67 in) L
Coiled 64 cm
(2 1 ft) L 2
DAN-SM
Contact Omron
Contact Omron
Coiled 64 cm
(2.1 ft) L; 2 m
(6.56 ft) extended
F
10 mm
0.03 mm dia.
(6.56 ft) extended
H
44 mm
0.015 mm dia.
NH
44 mm
0.012 mm dia.
NHB
Contact Omron
Contact Omron
NM
30 mm
0.015 mm dia.
NT
33 mm
0.012 mm dia.
NV
33 mm
0.012 mm dia.
NVG
2.5 mm
1.0 mm dia.
VG
2.5 mm
1.0 mm dia.
General
Thin fiber with small
A
18 mm
0.03 mm dia.
E32-DC200E
General
purpose
Thin fiber with small
easy-to-mount
head ; 25 mm bend-
M3 threaded head x
11
(0 43 i ) L
DAN-HS
30 mm
--------------------------
E32-DC200E
head.; 25 mm bend-
ing radius; 0.5 mm
ID fib
M3 threaded head x
11 mm (0.43 in) L
2
(6 56 ft) l
th
DAN-LD
100 mm
--------------------------
g
;
ID fiber
2 m (6.56 ft) length
DAN-SM
80 mm
0.01 mm dia.
F
8mm
0.03 mm dia.
H
36 mm
0.015 mm dia.
NH
36 mm
0.012 mm dia.
NHB
Contact Omron
Contact Omron
NM
20 mm
0.015 mm dia.
NT
22 mm
0.012 mm dia.
NV
22 mm
0.012 mm dia.
NVG
2mm
1.0 mm dia.
VG
2mm
1.0 mm dia.
Note: Sensing distance is based on sensing a white paper that has 90% reflectivity.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn