Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D11 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part No. E32-D11
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 17Page - Omron Electronics LLC E32-D11 Datasheet HTML 18Page - Omron Electronics LLC E32-D11 Datasheet HTML 19Page - Omron Electronics LLC E32-D11 Datasheet HTML 20Page - Omron Electronics LLC E32-D11 Datasheet HTML 21Page - Omron Electronics LLC E32-D11 Datasheet HTML 22Page - Omron Electronics LLC E32-D11 Datasheet HTML 23Page - Omron Electronics LLC E32-D11 Datasheet HTML 24Page - Omron Electronics LLC E32-D11 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
E32
E32
22
J
THROUGH-BEAM, SPECIAL PURPOSE TYPE (CONT.)
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
Chemical
Teflon-coated
A
800 mm
0.9 mm dia.
E32-T12F
Chemical
resistant
Teflon coated
sensing head for
harsh chemical
5mm dia. x 20 mm
DAN-HS
1,100 mm
--------------------------
E32-T12F
harsh chemical
environments.
O
i
bi
5 mm dia. x 20 mm
(0.79inL)
DAN-LD
3,800 mm
--------------------------
Operating ambient
temperature: --30_C
2 m (6.56 ft) length
DAN-SM
3,000 mm
0.01 mm dia.
temperature: --30_C
to 70_C(--22_Fto
1 8 F) 1
ID
F
300 mm
0.7 mm dia.
(
158_F); 1 mm ID
fiber; 40 mm bending
H
1,600 mm
0.7 mm dia.
fiber; 40 mm bending
radius
NH
1,600 mm
0.12 mm dia.
NHB
220 mm
0.12 mm dia.
NM
1,000 mm
0.3 mm dia.
NT
1,070 mm
0.3 mm dia.
NV
1,070 mm
0.3 mm dia.
NVG
70 mm
0.6 mm dia.
VG
70 mm
0.6 mm dia.
Wafer
d t ti
Ultra narrow beam is
id l f
i
A
Contact Omron
Contact Omron
E32-T22S
detection
ideal for sensing
siliconwafers;
3.0 mm dia.
DAN-HS
700 mm
----------------------------------
E32-T22S
silicon wafers;
10 mm bending
di
3.0 mm dia.
2 m (6.56 ft) length
DAN-LD
2,300 mm
----------------------------------
g
radius
2 m (6.56 ft) length
DAN-SM
1,900 mm
0.01 mm dia.
F
Contact Omron
Contact Omron
H
1,000 mm
Contact Omron
NH
1,000 mm
0.08 mm dia.
NHB
Contact Omron
Contact Omron
NM
650 mm
0.4 mm dia.
NT
650 mm
0.2 mm dia.
NV
650 mm
0.2 mm dia.
NVG
Contact Omron
Contact Omron
VG
Contact Omron
Contact Omron


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn