Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D11 Datasheet(PDF) 19 Page - Omron Electronics LLC

Part No. E32-D11
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 15Page - Omron Electronics LLC E32-D11 Datasheet HTML 16Page - Omron Electronics LLC E32-D11 Datasheet HTML 17Page - Omron Electronics LLC E32-D11 Datasheet HTML 18Page - Omron Electronics LLC E32-D11 Datasheet HTML 19Page - Omron Electronics LLC E32-D11 Datasheet HTML 20Page - Omron Electronics LLC E32-D11 Datasheet HTML 21Page - Omron Electronics LLC E32-D11 Datasheet HTML 22Page - Omron Electronics LLC E32-D11 Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 108 page
background image
E32
E32
20
J
THROUGH-BEAM, HIGH TEMPERATURE TYPE
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
Heat
Resists 150°C; fiber
A
200 mm
1.0 mm dia.
E32-T51
Heat
resistant
Resists 150 C; fiber
sheath material:
fluororesin
M4 threaded head x
17 mm (0 67 in) L
DAN-HS
280 mm
----------------------------
E32-T51
fluororesin.
Operating ambient
0 C
17 mm (0.67 in) L
2 m (6 56 ft) length
DAN-LD
950 mm
----------------------------
p
g
temperature: --40_C
to 150_C (--40_F to
2 m (6.56 ft) length
DAN-SM
760 mm
0.01 mm dia.
to 150_C (--40_F to
302_F); 1.5 mm ID
fib
F
80 mm
1.0 mm dia.
);
fiber
H
400 mm
1.0 mm dia.
NH
400 mm
0.4 mm dia.
NHB
35 mm
0.4 mm dia.
NM
300 mm
0.4 mm dia.
NT
320 mm
0.3 mm dia.
NV
320 mm
0.3 mm dia.
NVG
20 mm
1.0 mm dia.
VG
20 mm
1.0 mm dia.
Heat
i t t
Resists 300°C, with
i l t b hi h
A
150 (1,500*) mm
0.2 mm dia.
E32-T61
resistant
,
spiral tube; high
mechanical strength;
M4 threaded head x
20 mm (0 79 in) L
DAN-HS
170 (1,300*) mm
--------------------------
E32-T61
mechanical strength;
fiber sheath material:
t i l
t l
20 mm (0.79 in) L
2 m (6 56 ft) length
DAN-LD
570 (4,000**) mm
--------------------------
stainless steel.
Operating ambient
2 m (6.56 ft) length
DAN-SM
450 (3,400*) mm
0.01 mm dia.
Operating ambient
temperature:
40_C to 300_C
F
60 (450*) mm
0.5 mm dia.
--40_C to 300_C
(--40_F to 572_F);
H
300 (3,000*) mm
0.3 mm dia.
(--40 F to 572 F);
1 mm ID fiber
NH
300 (3,000*) mm
0.12 mm dia.
NHB
Contact Omron
Contact Omron
NM
180 (2,000*) mm
0.2 mm dia.
NT
190 (2,100*) mm
0.15 mm dia.
NV
190 (2,100*) mm
0.15 mm dia.
NVG
18 (130*) mm
0.5 mm dia.
VG
18 (130*) mm
0.5 mm dia.
Note: * Value in parentheses represents the sensing distance of the fiber when the E39-F1 lens is attached to its tip.
**Value in parentheses is based on each fiber having a cable length of 2,000 mm.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn