Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D11 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part No. E32-D11
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 11Page - Omron Electronics LLC E32-D11 Datasheet HTML 12Page - Omron Electronics LLC E32-D11 Datasheet HTML 13Page - Omron Electronics LLC E32-D11 Datasheet HTML 14Page - Omron Electronics LLC E32-D11 Datasheet HTML 15Page - Omron Electronics LLC E32-D11 Datasheet HTML 16Page - Omron Electronics LLC E32-D11 Datasheet HTML 17Page - Omron Electronics LLC E32-D11 Datasheet HTML 18Page - Omron Electronics LLC E32-D11 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 108 page
background image
E32
E32
16
J
THROUGH BEAM, PROBE TYPE (CONT.)
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
Thin probe Sensing head with
A
50 mm
0.1 mm dia.
E32-TC200F
Thin probe Sensing head with
90 mm probe; 25
mm bending radius;
M3 threaded head
90 mm (3 54 in)
DAN-HS
90 mm
--------------------------
E32 TC200F
mm bending radius;
0.5 mm ID fiber
90 mm (3.54 in)
length probe
DAN-LD
250 mm
--------------------------
g p
2 m (6.56 ft) length
DAN-SM
220 mm
0.01 mm dia.
2 m (6.56 ft) length
F
26 mm
0.1 mm dia.
H
100 mm
0.1 mm dia.
NH
100 mm
0.04 mm dia.
NHB
Contact Omron
Contact Omron
NM
70 mm
0.2 mm dia.
NT
75 mm
0.1 mm dia.
NV
75 mm
0.1 mm dia.
NVG
8mm
0.1 mm dia.
VG
8mm
0.1 mm dia.
Thin probe Sensing head with
40
b
A
50 mm
0.1 mm dia.
E32-TC200F4
p
g
40 mm probe;
25 mm bending
M3 threaded head
40 mm (1 57 in)
DAN-HS
90 mm
----------------------
E32 TC200F4
25 mm bending
radius; 0.5 mm ID
fib
40 mm (1.57 in)
length probe
DAN-LD
250 mm
----------------------
fiber
g p
2m (6.56 ft) length
DAN-SM
220 mm
0.01 mm dia.
(
)
g
F
26 mm
0.1 mm dia.
H
100 mm
0.1 mm dia.
NH
100 mm
0.04 mm dia.
NHB
Contact Omron
Contact Omron
NM
70 mm
0.2 mm dia.
NT
75 mm
0.1 mm dia.
NV
75 mm
0.1 mm dia.
NVG
8mm
0.1 mm dia.
VG
8mm
0.1 mm dia.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn