Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D11 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part No. E32-D11
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 10Page - Omron Electronics LLC E32-D11 Datasheet HTML 11Page - Omron Electronics LLC E32-D11 Datasheet HTML 12Page - Omron Electronics LLC E32-D11 Datasheet HTML 13Page - Omron Electronics LLC E32-D11 Datasheet HTML 14Page - Omron Electronics LLC E32-D11 Datasheet HTML 15Page - Omron Electronics LLC E32-D11 Datasheet HTML 16Page - Omron Electronics LLC E32-D11 Datasheet HTML 17Page - Omron Electronics LLC E32-D11 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
E32
E32
15
J
THROUGH-BEAM, PROBE TYPE (CONT.)
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
Thin fiber
Probe for space-
A
180 mm
0.2 mm dia.
E32-TC200B4
Thin fiber
Probe for space
confined sensing
areas; 25 mm
M4 threaded head
40 mm (1 57 in)
DAN-HS
280 mm
------------------------------
areas; 25 mm
bending radius;
1
ID fib
40 mm (1.57 in)
probe length
DAN-LD
950 mm
------------------------------
g
;
1 mm ID fiber
probe length
2 m (6.56 ft) length
DAN-SM
760 mm
0.01 mm dia.
2 m (6.56 ft) length
F
80 mm
0.2 mm dia.
H
400 mm
0.2 mm dia.
NH
400 mm
0.04 mm dia.
NHB
55 mm
0.04 mm dia.
NM
270 mm
0.2 mm dia.
NT
290 mm
0.1 mm dia.
NV
290 mm
0.1 mm dia.
NVG
28 mm
0.2 mm dia.
VG
28 mm
0.2 mm dia.
Thin probe Sensing head with
90
b
i l
A
150 mm
0.2 mm dia.
E32-TC200D
p
g
90 mm probe; spiral
coiled cable with-
M4 threaded head
DAN-HS
Contact Omron
Contact Omron
E32 TC200D
coiled cable with-
stands repeated
t t hi
f
M4 threaded head
90 mm (3.54 in)
probe length
DAN-LD
Contact Omron
Contact Omron
p
stretching from
reciprocating
probe length
Coiled 56 6 cm
DAN-SM
Contact Omron
Contact Omron
reciprocating
machine parts;
25 mm bending
Coiled 56.6 cm
(1.85 ft);
2 m (6 56 ft) when
F
60 mm
0.2 mm dia.
p
25 mm bending
radius; 1 mm ID fiber
(
);
2 m (6.56 ft) when
extended
H
300 mm
0.2 mm dia.
radius; 1 mm ID fiber
NH
300 mm
0.04 mm dia.
NHB
Contact Omron
Contact Omron
NM
Contact Omron
Contact Omron
NT
Contact Omron
Contact Omron
NV
Contact Omron
Contact Omron
NVG
Contact Omron
Contact Omron
VG
18 mm
0.2 mm dia.
Thin probe Sensing head with
40
b
i l
A
150 mm
0.2 mm dia.
E32-TC200D4
p
g
40 mm probe; spiral
coiled cable
M4 threaded head
DAN-HS
Contact Omron
Contact Omron
E32 TC200D4
coiled cable
withstands repeated
t t hi
f
M4 threaded head
40 mm (1.57 in)
probe length
DAN-LD
Contact Omron
Contact Omron
p
stretching from
reciprocating
(
)
probe length
Coiled 56 6 cm
DAN-SM
Contact Omron
Contact Omron
reciprocating
machine parts;
25 mm bending
Coiled 56.6 cm
(1.85 ft);
2
(6 56 ft) h
F
60 mm
0.2 mm dia.
25 mm bending
radius; 1 mm ID fiber
(1.85 ft);
2 m (6.56 ft) when
extended
H
300 mm
0.2 mm dia.
radius; 1 mm ID fiber extended
NH
300 mm
0.04 mm dia.
NHB
Contact Omron
Contact Omron
NM
Contact Omron
Contact Omron
NT
Contact Omron
Contact Omron
NV
Contact Omron
Contact Omron
NVG
Contact Omron
Contact Omron
VG
18 mm
0.2 mm dia.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn