Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D11 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part No. E32-D11
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 9Page - Omron Electronics LLC E32-D11 Datasheet HTML 10Page - Omron Electronics LLC E32-D11 Datasheet HTML 11Page - Omron Electronics LLC E32-D11 Datasheet HTML 12Page - Omron Electronics LLC E32-D11 Datasheet HTML 13Page - Omron Electronics LLC E32-D11 Datasheet HTML 14Page - Omron Electronics LLC E32-D11 Datasheet HTML 15Page - Omron Electronics LLC E32-D11 Datasheet HTML 16Page - Omron Electronics LLC E32-D11 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
E32
E32
14
J
THROUGH-BEAM, PROBE TYPE
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
Needle
303 stainless steel
0.8 mm dia.
x 15 mm L
A
15 mm
0.06 mm dia.
E32-T33-1
Needle
probe
303 stainless steel
probe for ultra small
objects; 12 mm heat
x15 mm L
DAN-HS
Contact Omron
Contact Omron
E32-T33-1
objects; 12 mm heat
shrink tubing can
id
li
DAN-LD
Contact Omron
Contact Omron
g
provide extra sealing
and strain relief;
3mm dia. x
20 mm L
DAN-SM
Contact Omron
Contact Omron
and strain relief;
25 mm bending
di
0 25
ID
20 mm L
2 m (6 56 ft) cable
F
15 mm
0.06 mm dia.
g
radius; 0.25 mm ID
fiber
2 m (6.56 ft) cable
H
15 mm
0.06 mm dia.
fiber
NH
Contact Omron
Contact Omron
NHB
Contact Omron
Contact Omron
NM
Contact Omron
Contact Omron
NT
Contact Omron
Contact Omron
NV
Contact Omron
Contact Omron
NVG
Contact Omron
Contact Omron
VG
15 mm
0.06 mm dia.
Thin fiber
Probe for space-
fi d
i
A
180 mm
0.2 mm dia.
E32-TC200B
p
confined sensing
areas; 25 mm
M4 threaded head
90 mm (3 54 in)
DAN-HS
280 mm
------------------------
E32 TC200B
areas; 25 mm
bending radius;
1
ID fib
90 mm (3.54 in)
probe length
DAN-LD
950 mm
------------------------
g
1 mm ID fiber.
2 m (6.56 ft) length
DAN-SM
760 mm
0.01 mm dia.
(
)
g
F
80 mm
0.2 mm dia.
H
400 mm
0.2 mm dia.
NH
400 mm
0.04 mm dia.
NHB
55mm
0.04 mm dia.
NM
270 mm
0.2 mm dia.
NT
290 mm
0.1 mm dia.
NV
290 mm
0.1 mm dia.
NVG
28 mm
0.2 mm dia.
VG
28 mm
0.2 mm dia.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn