Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D11 Datasheet(PDF) 98 Page - Omron Electronics LLC

Part No. E32-D11
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 98 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 94Page - Omron Electronics LLC E32-D11 Datasheet HTML 95Page - Omron Electronics LLC E32-D11 Datasheet HTML 96Page - Omron Electronics LLC E32-D11 Datasheet HTML 97Page - Omron Electronics LLC E32-D11 Datasheet HTML 98Page - Omron Electronics LLC E32-D11 Datasheet HTML 99Page - Omron Electronics LLC E32-D11 Datasheet HTML 100Page - Omron Electronics LLC E32-D11 Datasheet HTML 101Page - Omron Electronics LLC E32-D11 Datasheet HTML 102Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 108 page
background image
E32
E32
99
J
DIFFUSE TYPE (CONT.)
General Purpose
E32-D32
Light source
fiber 0.5 dia.
Sensing
head
SUS303
Heat-shrinkable
tubing
Optical fibers,
two, 1 (0.04) dia.
Two fiber
attachments
(E39-F9)
Receive fiber
(0.25 dia.) x 4
2 (0.08)
dia.
3 (0.12)
dia.
2
12
25 (0.98)
2 m (6.56 ft.)
10
(0.39)
15 (0.59)
22 (0.87)
E32-D32L
Sensing head,
3 dia (0.12).
(stainless)
2 m (6.56 ft.) standard length
Branching box,
6 dia. (heat-resistive
ABS black resin)
Light source
(1 dia.)
Receive
(0.265 dia.) x 16
15 (0.59)
Optical
fibers, two,
2.2 (0.09) dia.
400 (15.75)
15 (0.59)
1,570 (61.81)
Part number
E32-DC50
E32-DC200
E32-DC500
E32-DC50, E32-DC200,
E32-DC500, E32-DC1000
Two,
1.0 dia.
4.8
4
(0.16) dia.
Two toothed washers
Two hexagon clamping nuts
Sensing head M6 x 0.75 (ADC)
Optical fiber,2.2 dia.
3
2.4
17
(0.67)
L
L
50 cm (19 in)
2 m (6.56 ft.)
5 m (16.3 ft.)
E32-DC1000
10 m (32.8 ft.)
10
(0.39)
E32-DC200C
Two, 1.0 dia.
5.2
Two toothed washers
Two hexagon clamping nuts
Sensing head (nickel-plated
brass) M6 x 0.75
Optical fiber, 2.2
x 2 dia.
150
(5.90)
2.4
2 m (6.56 ft.)
when straight
10
(0.39)
90 (3.54)
22 dia.
(0.87)
17 (0.67)
400 (15.8)
E32-DC200E
Sensing head M3 x 0.5 (SUS304)
Two hexagon clamping nuts
Two toothed washers
Two fiber
attachments
(E39-F9)
Optical fiber, two, 1 dia.
Two, 0.5 dia.
2.5
(0.10)
1.8
5.5
(0.22)
2 m (6.56 ft.)
25 (0.98)
11
(0.43)
10
(0.39)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn