Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D11 Datasheet(PDF) 97 Page - Omron Electronics LLC

Part No. E32-D11
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 97 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 93Page - Omron Electronics LLC E32-D11 Datasheet HTML 94Page - Omron Electronics LLC E32-D11 Datasheet HTML 95Page - Omron Electronics LLC E32-D11 Datasheet HTML 96Page - Omron Electronics LLC E32-D11 Datasheet HTML 97Page - Omron Electronics LLC E32-D11 Datasheet HTML 98Page - Omron Electronics LLC E32-D11 Datasheet HTML 99Page - Omron Electronics LLC E32-D11 Datasheet HTML 100Page - Omron Electronics LLC E32-D11 Datasheet HTML 101Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 108 page
background image
E32
E32
98
J
DIFFUSE TYPE (CONT.)
General Purpose
E32-D11R
Two, hexagon nuts
Two, toothed washers
6mm sensing head
4dia.
2.2-dia. optical fiber
2-151-0.075 dia.
Note: The material is ADC (aluminum die-cast)
5.5
2.5
Four, 0.25
(0.01) dia.
Optical fiber, two, 1 dia.
Fiber attachment
(E39-F9)
Two toothed washers
Two hexagon clamping nuts
Protective tube
Sensing head
(nickel-plated
brass) M3 x 0.5
1.8
15
11
(0.43)
E32-D21
2 m (6.56 ft.)
25 (0.98)
10
(0.39)
E32-D21L
3.2
3
25 (0.98)
2.4
Two hexagon clamping nuts
Two toothed washers
Sensing head M4 x 0.75
(nickel-plated brass)
Two fiber
attachments
(E39-F9)
Two, 0.9
(0.04) dia.
Optical fiber,
two, 1.0 dia.
2 m (6.56 ft.)
15
(0.59)
7
(0.28)
10
(0.39)
E32-D21R
2-151 x 0.037 dia.
Two, E39-F9 Fiber Attachments
Two, hexagon nuts
Two, toothed washers
3mm sensing
head (See Note.)
1mm optical fiber
Note: The sensing head is made of nickel-plated brass.
E32-D22L
Two,
0.9 dia.
2.7 dia.
Sensing head 3 dia.
(nickel-platedbrass) Optical fiber, two, 1 dia.
3
15
(0.59)
2 m (6.56 ft.)
25 (0.98)
Two fiber
attachments
(E39-F9)
10
(0.39)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn