Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D11 Datasheet(PDF) 93 Page - Omron Electronics LLC

Part No. E32-D11
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 93 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 89Page - Omron Electronics LLC E32-D11 Datasheet HTML 90Page - Omron Electronics LLC E32-D11 Datasheet HTML 91Page - Omron Electronics LLC E32-D11 Datasheet HTML 92Page - Omron Electronics LLC E32-D11 Datasheet HTML 93Page - Omron Electronics LLC E32-D11 Datasheet HTML 94Page - Omron Electronics LLC E32-D11 Datasheet HTML 95Page - Omron Electronics LLC E32-D11 Datasheet HTML 96Page - Omron Electronics LLC E32-D11 Datasheet HTML 97Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
E32
E32
94
J
THROUGH-BEAM TYPE (CONT.)
Side Sensing Type
Fiber
2.2 (0.08) dia.
E32-T16
Mounting Holes
0.5-mm (0.02) Wide Slit Seal
(SoldinPairs)
1-mm (0.04) Wide Slit Seal
(SoldinPairs)
10.2
20 (0.79)
4
3.2
Two, R2
2
(0.79)
4
Two, (R)
Two, (R)
1.2
20
15.5
(0.61)
8.85 3
20
6dia.
27
(1.06)
Two, M3
8.4
Mounting bracket
E39-L4
33 (1.30)
43.2
58
5.5
4.5
11
(0.43)
2.3
3.2
Two,
3.2 (0.16) dia.
Lens
(2 x 10)
6
(0.23)
0.5
4
15
23
(0.90)
6
1
4
15
Black
Black
Sensing
head
(ABS)
23
(0.90)
25
2m
(6.56 ft.)
Two, 3.2 dia.,
6 dia counter
sinking
0.5-mm (0.02) wide Seal Slit
(Two slits are provided)
1-mm (0.04) wide Seal Slit
(Two slits are provided)
E32-T16P + E39-L94 Mounting
14.5
(0.57)
10.7
4
Sensing head
(heat-resistive ABS)
2.2 (0.09) dia.
optical fiber
27
(1.06)
4
(0.15)
20
(0.79)
Sensing
head
(2 x 11)
(PMMA)
2
4
4.8
Two, M3
4
20
(0.79)
Sensing
head
52
(2.04)
43.2
(1.7)
2.2-dia.
fiber
E39-L94 Mounting Bracket
(sold separately)
4
3.4
(0.13)
0.5 (0.02)
13.4
26.4
(1.04)
Black
Black
1
13.4
E32-T16P
2m
(6.56 ft.)
23.2
(0.91)
26.4
(1.04)
19
(0.75)
3.4
(0.13)
19
(0.75)
35
(1.38)
(0.79)
20
12.2
(0.48)
3.2
(0.13)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn