Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D11 Datasheet(PDF) 88 Page - Omron Electronics LLC

Part No. E32-D11
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 88 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 84Page - Omron Electronics LLC E32-D11 Datasheet HTML 85Page - Omron Electronics LLC E32-D11 Datasheet HTML 86Page - Omron Electronics LLC E32-D11 Datasheet HTML 87Page - Omron Electronics LLC E32-D11 Datasheet HTML 88Page - Omron Electronics LLC E32-D11 Datasheet HTML 89Page - Omron Electronics LLC E32-D11 Datasheet HTML 90Page - Omron Electronics LLC E32-D11 Datasheet HTML 91Page - Omron Electronics LLC E32-D11 Datasheet HTML 92Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 108 page
background image
E32
E32
89
Dimensions
Unit: mm (inch)
J
THROUGH-BEAM TYPE
(Sold in pairs)
14
(0.55)
Sensing head
(nickel-plated
brass)
M4 x 0.7
E32-T11
Sixteen,
0.265
(0.01) dia.
M2.6 x
0.45
Two toothed washers
Two hexagon clamping nuts
Protective tube
3.3
15
3.2
2 m (6.56 ft.)
Optical fiber, 2.2 (0.086) dia.
7
(0.28)
2.4
General Purpose
3
(0.12)
14
(0.55)
E32-T11L
Two toothed washers (for M4)
Two hexagon clamping nuts (T = 2.4)
Sensing head
(nickel-plated brass) M4x0.7
3.2
7
(0.28)
11
2 m (6.56 ft.)
M2.6 x
0.45
1.4
(0.06) dia.
Optical fiber, 2.2 (0.086) dia.
Note: The sensing head is made of nickel-plated brass.
Two, toothed washers
4mm sensing head (See Note.) 2.2-dia. optical fiber
151-0.075 dia.
E32-T11R
Two, hexagon nuts
14
(0.55)
E32-T12L
1.4
dia.
2.4 dia.
(0.09)
Sensing head
(nickel-plated brass) 3 dia.
Optical fiber, 2.2 (0.086) dia.
3
11
2 m (6.56 ft.)
19
(0.75)
10-mm dia.
lens (PMMA)
Sensing head
(ABS) M14 x 1
Two hexagon clamping nuts
23
42
E32-T17L
Optical fiber,
2.2 (0.086) dia.
5
10 m (32.8 ft.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn