Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D11 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part No. E32-D11
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 3Page - Omron Electronics LLC E32-D11 Datasheet HTML 4Page - Omron Electronics LLC E32-D11 Datasheet HTML 5Page - Omron Electronics LLC E32-D11 Datasheet HTML 6Page - Omron Electronics LLC E32-D11 Datasheet HTML 7Page - Omron Electronics LLC E32-D11 Datasheet HTML 8Page - Omron Electronics LLC E32-D11 Datasheet HTML 9Page - Omron Electronics LLC E32-D11 Datasheet HTML 10Page - Omron Electronics LLC E32-D11 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
E32
E32
8
J
THROUGH-BEAM, GENERAL PURPOSE TYPE
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
Long
Compact mounting
A
100 mm
0.2 mm dia.
E32-T21L
Long
distance
Compact mounting
head; 25 mm
bending radius;
M3 threaded head x
9 mm (0 35 in) L
DAN-HS
180 mm
------------------------------
E32 T21L
bending radius;
0.5 mm ID fiber
9 mm (0.35 in) L
2 m (6 56 ft) length
DAN-LD
500 mm
------------------------------
2 m (6.56 ft) length
DAN-SM
440 mm
0.01 mm dia.
F
50 mm
0.2 mm dia.
H
200 mm
0.2 mm dia.
NH
200 mm
0.04 mm dia.
NHB
Contact Omron
Contact Omron
NM
150 mm
0.2 mm dia.
NT
160 mm
0.1 mm dia.
NV
160 mm
0.1 mm dia.
NVG
10 mm
0.2 mm dia.
VG
10 mm
0.2 mm dia.
Flexible
(
i t
Can be bent like
l t i
i
1
A
30 mm
0.2 mm dia.
E32-T21R
(resists
breaking)
electric wires; 1 mm
bending radius
M3 threaded head x
9 5 mm (0 37 in) L
DAN-HS
50 mm
----------------------------
breaking)
bending radius
9.5 mm (0.37 in) L
2 m (6 56 ft) length
DAN-LD
150 mm
----------------------------
2 m (6.56 ft) length
DAN-SM
130 mm
0.01 mm dia.
F
Contact Omron
Contact Omron
H
60 mm
0.2 mm dia.
NH
60 mm
0.1 mm dia.
NHB
Contact Omron
Contact Omron
NM
40 mm
0.2 mm dia.
NT
41 mm
0.1 mm dia.
NV
41 mm
0.1 mm dia.
NVG
Contact Omron
Contact Omron
VG
Contact Omron
Contact Omron


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn