Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-M21 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E32-M21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-M21 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E32-M21 Datasheet HTML 8Page - Omron Electronics LLC E32-M21 Datasheet HTML 9Page - Omron Electronics LLC E32-M21 Datasheet HTML 10Page - Omron Electronics LLC E32-M21 Datasheet HTML 11Page - Omron Electronics LLC E32-M21 Datasheet HTML 12Page - Omron Electronics LLC E32-M21 Datasheet HTML 13Page - Omron Electronics LLC E32-M21 Datasheet HTML 14Page - Omron Electronics LLC E32-M21 Datasheet HTML 15Page - Omron Electronics LLC E32-M21 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
E32
E32
13
J
THROUGH-BEAM, ARMORED TYPE
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
General
Can withstand tem--
A
200 mm
0.2 mm dia.
E32-UTAT1-3F
General
purpose
Can withstand tem
peratures to 150°C
(302°F)
DAN-HS
Contact Omron
Contact Omron
E32 UTAT1 3F
(302°F)
5/16 -- 24 thread x
3 8
(1 5 i ) L
DAN-LD
Contact Omron
Contact Omron
5/16 24 thread x
3.8 mm (1.5 in) L
( f ) l
h
DAN-SM
Contact Omron
Contact Omron
0.91 m (3 ft) length
F
Contact Omron
Contact Omron
H
Contact Omron
Contact Omron
NH
Contact Omron
Contact Omron
NHB
Contact Omron
Contact Omron
NM
Contact Omron
Contact Omron
NT
Contact Omron
Contact Omron
NV
Contact Omron
Contact Omron
NVG
Contact Omron
Contact Omron
VG
Contact Omron
Contact Omron
General
Can withstand tem--
t
t 150°C
A
170 mm
0.2 mm dia.
E32-UTAT1-6F
purpose
peratures to 150°C
(302°F)
DAN-HS
Contact Omron
Contact Omron
(302°F)
5/16 -- 24 thread x
DAN-LD
Contact Omron
Contact Omron
5/16 -- 24 thread x
3.8 mm (1.5 in) L
DAN-SM
Contact Omron
Contact Omron
1.83 m (6 ft) length
F
Contact Omron
Contact Omron
H
Contact Omron
Contact Omron
NH
Contact Omron
Contact Omron
NHB
Contact Omron
Contact Omron
NM
Contact Omron
Contact Omron
NT
Contact Omron
Contact Omron
NV
Contact Omron
Contact Omron
NVG
Contact Omron
Contact Omron
VG
Contact Omron
Contact Omron
General
purpose
Can withstand tem-
peratures to 200°C
(392°F)
5/16-- 24 thread x
38.1 mm (1.5 in) L
0.91 m (3 ft) length
E3JU-X
amp only
400 mm
0.25 mm dia.
E32-UTBT1-3F
General
purpose
Can withstand tem-
peratures to 200°C
(392°F)
5/16-- 24 thread x
38.1 mm (1.5 in) L
1.83 m (6 ft) length
E3JU-X
amp only
400 mm
0.25 mm dia.
E32-UTBT1-6F


Similar Part No. - E32-M21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
More results

Similar Description - E32-M21

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
   Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
   Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com