Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-T14 Datasheet(PDF) 87 Page - Omron Electronics LLC

Part # E32-T14
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-T14 Datasheet(HTML) 87 Page - Omron Electronics LLC

Back Button E32-T14 Datasheet HTML 83Page - Omron Electronics LLC E32-T14 Datasheet HTML 84Page - Omron Electronics LLC E32-T14 Datasheet HTML 85Page - Omron Electronics LLC E32-T14 Datasheet HTML 86Page - Omron Electronics LLC E32-T14 Datasheet HTML 87Page - Omron Electronics LLC E32-T14 Datasheet HTML 88Page - Omron Electronics LLC E32-T14 Datasheet HTML 89Page - Omron Electronics LLC E32-T14 Datasheet HTML 90Page - Omron Electronics LLC E32-T14 Datasheet HTML 91Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 108 page
background image
E32
E32
88
J
ANALOG OUTPUT VS. DISTANCE (STANDARD MODE)
E32-TC200 with E3X-DAN
amplifier (Through-beam)
E32-DC200 with E3X-DAN
amplifier (Diffuse)
Distance (mm)
Distance (mm)
J
ADDITIONAL DATA
With standard sensing object. With standard target at maximum sensitivity.
Sensing Distance vs.
Operating Range
E32-DC200 with E3X-DAN
amplifier (Reflective)
Differential Travel vs.
Sensing Distance
E32-D11L with E3X-DAN
amplifier (Reflective)
Repeat Accuracy vs.
Sensing Distance
E32-DC200 with E3X-DAN
amplifier (Reflective)
0.1-dia.
copper
wire
0.02-dia.
copper
wire
0.4-dia.
copper wire
Distance X (mm)
Standard
High
speed
Long
distance
Distance Differential travel
Distance (mm)
High
speed
Long
distance
Standard
Sensing object: White paper
(µm)
Sensing object: White paper
Distance (mm)


Similar Part No. - E32-T14

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-T14 OMRON-E32-T14 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-T14F OMRON-E32-T14F Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
E32-T14F OMRON-E32-T14F Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
E32-T14L OMRON-E32-T14L Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-T14L OMRON-E32-T14L Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
More results

Similar Description - E32-T14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
   Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
   Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com