Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-UTBT16F Datasheet(PDF) 47 Page - Omron Electronics LLC

Part # E32-UTBT16F
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-UTBT16F Datasheet(HTML) 47 Page - Omron Electronics LLC

Back Button E32-UTBT16F Datasheet HTML 43Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 44Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 45Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 46Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 47Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 48Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 49Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 50Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 51Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
E32
E32
48
J
E3A2-X AND E3S-X3 BLOCK STYLE AMPLIFIERS
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
A2X: E3A2-X Slim Amplifier with Plug-in Output
SX3: E3S-X3 Rugged Metal Body DC Amplifier
Through-beam Fiber-optic Cables
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
General
purpose
Compact threaded
head; 25 mm
bending radius;
M4 threaded head x
A2X
120 mm
1.0 mm dia.
E32-TC200
bending radius;
1 mm ID fiber
M4 threaded head x
14 mm (0.55 in) L
2 m (6.56 ft) length
SX3
General
purpose
M3; possible to
mount the reflective
side view conversion
attachment
M3 threaded head x
7mm (0.28 in) L
A2X
120 mm
1.0 mm dia.
E32-TC200A
attachment
(E39-F5); 25 mm
bending radius;
1 mm ID fiber
7 mm (0.28 in) L
2 m (6.56 ft) length
SX3
Thin probe Probe for space-
confined sensing
areas; 25 mm
M4 threaded head
90 mm (3 54 in)
A2X
120 mm
1.0 mm dia.
E32-TC200B
areas; 25 mm
bending radius;
1 mm ID fiber
90 mm (3.54 in)
probe length
2 m (6.56 ft) length
SX3
General
purpose
Coiled cable ideal for
moving parts; 25 mm
bending radius;
1 mm ID fiber
M4 threaded head x
11 mm (0 43 in) L
A2X
100 mm
1.0 mm dia.
E32-TC200C
1 mm ID fiber
11 mm (0.43 in) L
56.5 cm (1.85 ft) L;
2 m (6.56 ft)
extended
SX3
Thin probe Sensing head with
90 mm probe; spiral
coiled cable with-
stands repeated
stretching from
M4 threaded head
90 mm (3.54 in)
probe length
A2X
100 mm
1.0 mm dia.
E32-TC200D
stretching from
reciprocating
machine parts; 25
mm bending radius;
1 mm ID fiber
probe length
56.6 cm (1.85 ft);
2 m (6.56 ft)
extended
SX3
General
purpose
Thin fiber with small
easy-to-mount
head ; 25 mm
M3 threaded head x
11
(0 43 i ) L
A2X
35 mm
0.5 mm dia.
E32-TC200E
head.; 25 mm
bending radius;
0.5 mm ID fiber
11 mm (0.43 in) L
2 m (6.56 ft) length
SX3
Thin probe Sensing head with
90 mm probe;
25 mm bending
M3 threaded head
90 mm (3 54 in)
A2X
35 mm
0.5 mm dia.
E32-TC200F
25 mm bending
radius; 0.5 mm ID
fiber
90 mm (3.54 in)
length probe
2 m (6.56 ft) length
SX3


Similar Part No. - E32-UTBT16F

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
59Kb / 5P
   E cores and accessories
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
57Kb / 6P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
2008 Sep 01
More results

Similar Description - E32-UTBT16F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
   Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
   Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com