Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-UTBT16F Datasheet(PDF) 94 Page - Omron Electronics LLC

Part # E32-UTBT16F
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-UTBT16F Datasheet(HTML) 94 Page - Omron Electronics LLC

Back Button E32-UTBT16F Datasheet HTML 90Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 91Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 92Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 93Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 94Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 95Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 96Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 97Page - Omron Electronics LLC E32-UTBT16F Datasheet HTML 98Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 108 page
background image
E32
E32
95
J
THROUGH-BEAM TYPE (CONT.)
Side Sensing Type
Sensing head 1 (0.04) dia.
E32-T24
15
1
0.5
SUS304 2 (0.07) dia.
1.4 dia.
12
1.5
Optical fiber, 1 dia.
Protective tube
45°
Fiber attachment
(E39-F9)
2 m (6.56 ft.)
25 (0.99)
35 (1.38)
15 (0.59)
10
(0.39)
High Temperature Type
17
(0.67)
E32-T51
Two toothed washers
Two hexagon clamping nuts
Sensing head M4 x 0.7 (nickel-plated brass)
Optical fiber, 2.2 dia.
15
2.4
1
2.85 dia.
1.5
(0.06) dia.
Note: Resistant temperature is 150°C (302°F). Resistant temperature is 130°C (266°F) when used
continuously.
2 m (6.56 ft.)
7
(0.28)
E32-T61
Note: Section A resists 300°C and section B (which is inserted to the amplifier) resists 110°C.
The operating temperature of section B must also be within the withstand temperature
range of the amplifier.
72.4
A
(See note)
5
B
3
10
4dia.
4 dia. 5 dia.
2.8 dia.
Sleeve
M2.6 x 0.45
SUS flexible tube Hexagon clamping screw
1.0
(0.04) dia.
Two hexagon clamping nuts
Two toothed washers
Sensing head M4 x 0.7
(SUS303)
2 m (6.56 ft.)
20 (0.79)
(0.28)
28 (1.10)
13 (0.51)
Special Purpose
24
(0.95)
7.4
(0.29)
7.0
E32-G14
Mounting Holes
36.3 (1.43)
9.2
R1.6
R1.6
3.2
R3.5
4
1.6
1.6
Two, M3
Optical axis
Lens
(PMMA)
Sensing head (ABS)
22
(6.56 ft.)
10
9.4
(0.37)
Optical fiber
2.2 (0.86) dia.
20 (0.79)
9.0 (0.35)
23.5 (0.92)
9.4
(0.37)
25.2 (0.99)


Similar Part No. - E32-UTBT16F

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
59Kb / 5P
   E cores and accessories
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
57Kb / 6P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
2008 Sep 01
More results

Similar Description - E32-UTBT16F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
   Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
   Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com