Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-UTBT13F Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # E32-UTBT13F
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-UTBT13F Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button E32-UTBT13F Datasheet HTML 13Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 14Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 15Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 16Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 17Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 18Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 19Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 20Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 108 page
background image
E32
E32
18
J
THROUGH-BEAM, SIDE BEAM TYPE (CONT.)
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
Min. detectable
object (opaque)
Part number
Area
10 mm wide beam,
A
750 mm
6.0 mm dia.*
E32-T16
Area
sensing
10 mm wide beam,
long sensing
distance; 25 mm
10 mm
DAN-HS
1,000 mm
----------------------
E32-T16
distance; 25 mm
bending radius;
1
ID fib
10 mm
DAN-LD
3,500 mm
----------------------
g
;
1 mm ID fiber;
includes 0.5 mm and
2 m (6.56 ft) length DAN-SM
2,800 mm
0.6 mm dia.
includes 0.5 mm and
1 mm slit masks
F
330 mm
7.0 mm dia.*
H
1,500 mm
6.0 mm dia.*
NH
1,500 mm
2.0 mm dia.*
NHB
700 mm
2.0 mm dia.*
NM
1,000 mm
5.0 mm dia.*
NT
1,070 mm
5.0 mm dia.*
NV
1,070 mm
5.0 mm dia.*
NVG
150 mm
7.0 mm dia.*
VG
150 mm
7.0 mm dia.*
Area
i
11 mm wide beam;
fl ibl
bl
ll
A
300 mm
2.0 mm dia.*
E32-T16P
sensing
;
flexible cable allows
10 mm bending
11 mm
DAN-HS
420 mm
--------------------------
E32-T16P
10 mm bending
radius; 1 mm ID
fib
i l d
11 mm
2
(6 56 ft) l
th
DAN-LD
1,400 mm
--------------------------
fiber; includes
0.5 mm and 1mm
2 m (6.56 ft) length
DAN-SM
1,100 mm
0.2 mm dia.
0.5 mm and 1 mm
slit masks
F
Contact Omron
Contact Omron
H
Contact Omron
Contact Omron
NH
600 mm
0.4 mm dia.*
NHB
Contact Omron
Contact Omron
NM
400 mm
1.0 mm dia.*
NT
480 mm
1.3 mm dia.*
NV
480 mm
1.3 mm dia.*
NVG
Contact Omron
Contact Omron
VG
Contact Omron
Contact Omron
Note: *This value was measured at a sensing distance of 100 mm.


Similar Part No. - E32-UTBT13F

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
59Kb / 5P
   E cores and accessories
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
57Kb / 6P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
2008 Sep 01
More results

Similar Description - E32-UTBT13F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
   Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
   Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com