Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-UTBT13F Datasheet(PDF) 68 Page - Omron Electronics LLC

Part # E32-UTBT13F
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-UTBT13F Datasheet(HTML) 68 Page - Omron Electronics LLC

Back Button E32-UTBT13F Datasheet HTML 64Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 65Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 66Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 67Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 68Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 69Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 70Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 71Page - Omron Electronics LLC E32-UTBT13F Datasheet HTML 72Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
E32
E32
69
J
EXCESS GAIN RATIO (CONT.)
Diffuse, High Temperature Type
E32-D61 with E3X-A11 amplifier
E32-D73 with E3X-A11 amplifier
Diffuse, Special Purpose Type
E32-D12F with E3X-A, E3X-F and
E3X-VG amplifiers
E32-L25, E32-L25A with E3X-A11 amplifier
Retroreflective Type
E32-R21 with E3X-A11 amplifier
E32-R16 with E3X-A11 amplifier
E32-R21 with E3XA-CC4A analog
output amplifier
Sensing distance (mm)
E3X-A
Operating level
Sensing distance (mm)
Operating level
E3X-F
j
200
3
2
1
E3X-VG
j
Sensing distance (mm)
Sensing object
Sensing distance
E3X-A
j
Operating level
0
5
6
40
80
120
160
4
Sensing distance (mm)
Operating level
Sensing distance (mm)
0.1
Sensing distance (m)
01
2
3
4
Vcc =12 V
Adjuster: MAX.
Sensing distance (mm)


Similar Part No. - E32-UTBT13F

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
59Kb / 5P
   E cores and accessories
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
57Kb / 6P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
2008 Sep 01
More results

Similar Description - E32-UTBT13F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
   Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
   Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com