Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-T21 Datasheet(PDF) 30 Page - Omron Electronics LLC

Part # E32-T21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-T21 Datasheet(HTML) 30 Page - Omron Electronics LLC

Back Button E32-T21 Datasheet HTML 26Page - Omron Electronics LLC E32-T21 Datasheet HTML 27Page - Omron Electronics LLC E32-T21 Datasheet HTML 28Page - Omron Electronics LLC E32-T21 Datasheet HTML 29Page - Omron Electronics LLC E32-T21 Datasheet HTML 30Page - Omron Electronics LLC E32-T21 Datasheet HTML 31Page - Omron Electronics LLC E32-T21 Datasheet HTML 32Page - Omron Electronics LLC E32-T21 Datasheet HTML 33Page - Omron Electronics LLC E32-T21 Datasheet HTML 34Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 108 page
background image
E32
E32
31
J
DIFFUSE, GENERAL PURPOSE TYPE (CONT.)
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
(see note)
Min. detectable
object (gold wire)
Part number
General
Compact threaded
A
75 mm
0.015 mm dia.
E32-DC500
General
purpose
Compact threaded
head; 25 mm bend-
ing radius; 1 mm ID
M6 threaded head x DAN-HS
Contact Omron
Contact Omron
E32-DC500
ing radius; 1 mm ID
fiber
M6 threaded head x
14 mm (0.55 in) L
DAN-LD
Contact Omron
Contact Omron
5 m (16.4 ft) length
DAN-SM
Contact Omron
Contact Omron
F
33 mm
0.015 mm dia.
H
150 mm
0.015 mm dia.
NH
Contact Omron
Contact Omron
NHB
Contact Omron
Contact Omron
NM
Contact Omron
Contact Omron
NT
Contact Omron
Contact Omron
NV
Contact Omron
Contact Omron
NVG
Contact Omron
Contact Omron
VG
10 mm
0.2 mm dia.
General
Compact threaded
A
75 mm
0.015 mm dia.
E32-DC1000
General
purpose
Compact threaded
head; 25 mm bend-
ing radius; 1 mm ID
M6 threaded head x DAN-HS
Contact Omron
Contact Omron
E32-DC1000
ing radius; 1 mm ID
fiber
M6 threaded head x
14 mm (0.55 in) L
DAN-LD
Contact Omron
Contact Omron
10 m (32.8 ft)
length
DAN-SM
Contact Omron
Contact Omron
length
F
33 mm
0.015 mm dia.
H
150 mm
0.015 mm dia.
NH
Contact Omron
Contact Omron
NHB
Contact Omron
Contact Omron
NM
Contact Omron
Contact Omron
NT
Contact Omron
Contact Omron
NV
Contact Omron
Contact Omron
NVG
Contact Omron
Contact Omron
VG
10 mm
0.2 mm dia.
Note: Sensing distance is based on sensing a white paper that has 90% reflectivity.


Similar Part No. - E32-T21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-T21 OMRON-E32-T21 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-T21 OMRON-E32-T21 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
E32-T21 OMRON-E32-T21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
E32-T21L OMRON-E32-T21L Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-T21L OMRON-E32-T21L Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
More results

Similar Description - E32-T21

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
   Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
   Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com