Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-T11 Datasheet(PDF) 37 Page - Omron Electronics LLC

Part # E32-T11
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-T11 Datasheet(HTML) 37 Page - Omron Electronics LLC

Back Button E32-T11 Datasheet HTML 33Page - Omron Electronics LLC E32-T11 Datasheet HTML 34Page - Omron Electronics LLC E32-T11 Datasheet HTML 35Page - Omron Electronics LLC E32-T11 Datasheet HTML 36Page - Omron Electronics LLC E32-T11 Datasheet HTML 37Page - Omron Electronics LLC E32-T11 Datasheet HTML 38Page - Omron Electronics LLC E32-T11 Datasheet HTML 39Page - Omron Electronics LLC E32-T11 Datasheet HTML 40Page - Omron Electronics LLC E32-T11 Datasheet HTML 41Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 108 page
background image
E32
E32
38
J
DIFFUSE, HIGH TEMPERATURE TYPE
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
(see note)
Min. detectable
object (gold wire)
Part number
Heat
Resists 150°C; fiber
A
60 mm
0.03 mm dia.
E32-D51
Heat
resistant
Resists 150 C; fiber
sheath material: fluo-
roresin
M6 threaded head
DAN-HS
100 mm
------------------------
E32-D51
roresin.
Operating ambient
t
t
40_C
M6 threaded head
2 m (6.56 ft) length
DAN-LD
300 mm
------------------------
p
g
temperature: --40_C
to 150_C (--40_F to
2 m (6.56 ft) length
DAN-SM
230 mm
0.01 mm dia.
to 150_C (--40_F to
302_F); 1.5 mm ID
fib
3
b di
F
26 mm
0.03 mm dia.
);
fiber; 35 mm bending
radius
H
120 mm
0.03 mm dia.
radius
NH
120 mm
0.012 mm dia.
NHB
12 mm
0.012 mm dia.
NM
60 mm
0.03 mm dia.
NT
65 mm
0.012 mm dia.
NV
65 mm
0.012 mm dia.
NVG
5mm
1.0 mm dia.
VG
5mm
1.0 mm dia.
Heat
Resists 300°C, with
A
45 mm
0.03 mm dia.
E32-D61
Heat
resistant
Resists 300 C, with
spiral tube; high
mechanical strength;
M6 threaded head
DAN-HS
30 mm
----------------------------
E32 D61
mechanical strength;
fiber sheath material:
i l
l
M6 threaded head
2m (6.56 ft) length DAN-LD
120 mm
----------------------------
stainless steel.
Operating ambient
2 m (6.56 ft) length
DAN-SM
90 mm
0.01 mm dia.
Operating ambient
temperature:
0 C
300 C
F
20 mm
0.03 mm dia.
p
--40_C to 300_C
(--40_F to 572_F);
H
45 mm
0.03 mm dia.
(--40_F to 572_F);
1.4 mm ID fiber; 25
b di
di
NH
45 mm
0.012 mm dia.
;
mm bending radius
NHB
Contact Omron
Contact Omron
NM
45 mm
0.03 mm dia.
NT
50 mm
0.012 mm dia.
NV
50 mm
0.012 mm dia.
NVG
5mm
1.0 mm dia.
VG
5mm
1.0 mm dia.
Heat
High temperature
A
30 mm
0.03 mm dia.
E32-D73
Heat
resistant
High temperature
glass core fiber with
probe Resists
1.25 mm dia DAN-HS
20 mm
----------------------------
E32 D73
probe. Resists
400°C, with spiral
b hi h
h i
M4 threaded head DAN-LD
80 mm
----------------------------
,
p
tube; high mechani-
cal strength; fiber
2 m (6.56 ft) length DAN-SM
60 mm
0.01 mm dia.
cal strength; fiber
sheath material:
t i l
t l
F
17 mm
0.2 mm dia.
stainless steel.
Operating ambient
H
30 mm
0.03 mm dia.
Operating ambient
temperature:
40_C t 400_C
NH
30 mm
0.012 mm dia.
p
--40_C to 400_C
(--40_F to 752_F);
NHB
Contact Omron
Contact Omron
(--40_F to 752_F);
1 mm ID fiber;
25
b di
NM
30 mm
0.03 mm dia.
;
25 mm bending
radius
NT
33 mm
0.012 mm dia.
radius
NV
33 mm
0.012 mm dia.
NVG
3mm
1.0 mm dia.
VG
3mm
1.0 mm dia.
Note: Sensing distance is based on sensing a white paper that has 90% reflectivity.


Similar Part No. - E32-T11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-T11 OMRON-E32-T11 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-T11 OMRON-E32-T11 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
E32-T11 OMRON-E32-T11 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
E32-T11F OMRON-E32-T11F Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
E32-T11F OMRON-E32-T11F Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
More results

Similar Description - E32-T11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
   Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
   Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com