Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2940045 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2940045
Description  Electronic housing set, consisting of electronic module and printed circuit termination blocks, pitch 5
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2940045 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2940045 Datasheet HTML 1Page - PHOENIX CONTACT 2940045 Datasheet HTML 2Page - PHOENIX CONTACT 2940045 Datasheet HTML 3Page - PHOENIX CONTACT 2940045 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EMG 50-LG/SET Order No.: 2940045
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2940045
PHOENIX CONTACT Inc., USA
Page 2 / 4
http://www.phoenixcon.com
Feb 3, 2011
Dimensions / positions
Length
75 mm
Width
50 mm
Number of positions
18
Pitch
5 mm
Technical data
Ambient temperature (operation)
-40 °C ... 125 °C
Inflammability class acc. to UL 94
V0
Power dissipation at 20°C in the horizontal
mounting position
2.3 W 2.6 W 7.5 mm
2.8 W 3.4 W 15 mm
4.7 W 6 W 52 mm
Accessories
Item
Designation
Description
Assembly
2941510
EMG-KA
Terminal block/screw cover, set consisting of 50 strips each for
terminal blocks and screw openings, 1 strip covers 12 terminal
points.
General
2947255
P 1-EMG 50
PCB for assembling electronic components
Marking
2947035
EMG-GKS 12
Equipment marker, width 12 mm
2941594
EMG-GKS 22
Equipment marker tag, width 22 mm
Additional products
Item
Designation
Description
Assembly
2947925
EMG 50-H 7,5MM KLAR
Covering hood, for the contact and dust-protected encapsulation
of the components, in transparent design. Height: 7.5 mm, width:
50 mm
2947938
EMG 50-H 15MM KLAR
Covering hood, for the contact and dust-protected encapsulation
of the components, in transparent design. Height: 15 mm, width:
50 mm
2947941
EMG 50-H 52MM GN
Covering hood, for the contact and dust-protected encapsulation
of the components, in green design. Height: 52 mm, width: 50 mm


Similar Part No. - 2940045

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
294004 ERNI-294004 Datasheet
93Kb / 1P
   0,8 DRC-B, F 4mm, 32 polig
More results

Similar Description - 2940045

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2940032 PHOENIX-2940032 Datasheet
79Kb / 4P
   Electronic housing set, consisting of electronic module and printed circuit termination blocks, pitch 5
2907884 PHOENIX-2907884 Datasheet
79Kb / 4P
   Electronic housing set, consisting of electronic module and printed circuit termination blocks, pitch 5
2943000 PHOENIX-2943000 Datasheet
90Kb / 4P
   Electronic housing set, consisting of electronic housing and printed circuit termination blocks, pitch 5
2942991 PHOENIX-2942991 Datasheet
74Kb / 4P
   Electronic housing set, consisting of electronic housing and printed circuit termination blocks, pitch 5
2940029 PHOENIX-2940029 Datasheet
92Kb / 4P
   Electronic housing set, consisting of electronic housing and printed circuit termination blocks, pitch 5
2946201 PHOENIX-2946201 Datasheet
78Kb / 3P
   Custom circuit module, consisting of housing, MKDS 3 connection terminal blocks and PCB
2947064 PHOENIX-2947064 Datasheet
121Kb / 4P
   Custom circuit module, consisting of housing, MKDS 3 connection terminal blocks and PCB
2947268 PHOENIX-2947268 Datasheet
122Kb / 4P
   Custom circuit module, consisting of housing, MKDS 3 connection terminal blocks and PCB
2948335 PHOENIX-2948335 Datasheet
120Kb / 4P
   Custom circuit module, consisting of housing, MKDS 3 connection terminal blocks and PCB
2947750 PHOENIX-2947750 Datasheet
78Kb / 3P
   Custom circuit module, consisting of housing, MKDS 3 connection terminal blocks and PCB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com