Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2908275 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2908275
Description  Intermediate element for modular extension of the volume of the housing in the pitch. The closed intermediate element is 17.5 mm wide.
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2908275 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/2908275
05.11.2013   Page 1 / 5
Electronic housing - ME 35 UTMG - 2908275
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Intermediate element for modular extension of the volume of the housing in the pitch. The closed intermediate
element is 17.5 mm wide.
The illustration shows the green
product version
 
Key commercial data
Packing unit
1 1
Minimum order quantity
10 1
Weight per Piece (excluding packing)
16.73 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Product type
Component housing center part
Approval
UL Recognized
Width
17.5 mm
Color
green
Classifications
eCl@ss
eCl@ss 4.0
27180401
eCl@ss 4.1
27180401
eCl@ss 5.0
27180506
eCl@ss 5.1
27180506
eCl@ss 6.0
27180802
eCl@ss 7.0
27182702


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn