Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVB74190 Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # EVB74190
Description  2 High power independent drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB74190 Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button EVB74190 Datasheet HTML 7Page - Melexis Microelectronic Systems EVB74190 Datasheet HTML 8Page - Melexis Microelectronic Systems EVB74190 Datasheet HTML 9Page - Melexis Microelectronic Systems EVB74190 Datasheet HTML 10Page - Melexis Microelectronic Systems EVB74190 Datasheet HTML 11Page - Melexis Microelectronic Systems EVB74190 Datasheet HTML 12Page - Melexis Microelectronic Systems EVB74190 Datasheet HTML 13Page - Melexis Microelectronic Systems EVB74190 Datasheet HTML 14Page - Melexis Microelectronic Systems EVB74190 Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
EVB74190
MLX74190 Evaluation Board Manual
3 Power Management
In any case JP12 and JP13 have to be set to connect the MLX74190 supply pins to generate the suppliesVDD
and VS.There are different possibilities to supply the Evaluation Board, as explained below.
3.1 VDD Supply
Direct Supply:
VDD can be supplied directly via CON13. In this case the jumpers JP1 and JP2 should NOT be
set. Note that minimum and maximum applied voltages on VDD are 4.5V and 5.5V
Use of regulator :
By setting the jumpers JP1 and JP2 the 5V supply for VDD can be generated by the regulator
L7805 (U1) from the battery voltage VBAT applied on connector CON11.
In such case no external supply must be connected to CON13
Note: The embedded regulator L7805 can support 35V max on its input, so that the DC level
applied on VBAT (CON11) should not overpass 35V.
3.2 VS Supply
Default supply (VBAT through D1,L1, D3)
By setting the jumper JP3 and connecting an external power supply on VBAT via connector
CON11, the VS supply will establish itself at: VS = VBAT - Vdrop_D1 - Vdrop_D3.
Direct supply:
The VS line, i.e. all the HV pins (VS_DRV56_0 …), can be supplied directly via the connector
CON17.
In that case JP3 should NOT BE set it could provoke damage to the components of the
Hardware.
In every cases the voltage applied on VS should remain in range 6 to 40V
3.3 Default Supply Configuration
The EVB74190 is provided with the following Hardware setup:
-
JP12 is set: the VDD supply line is connected to VDD pin of MLX74190
-
JP13 is set: the VS Supply line is connected to VS_DRV pins of MLX74190
-
JP1 and JP2 are set: the regulator L7805 is connected
-
JP3 is set: VBAT is connected to VS line via D1, L1 and D3
In this HW configuration, applying VBAT = 12V allows to cover every features MLX74190
Note that the maximum voltage allowed on VBAT will be 35V due to the use of the 5V regulator
390127419001
Page 11 of 26
EVB74190
Rev 007
Sept-2014


Similar Part No. - EVB74190

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB7107 MELEXIS-EVB7107 Datasheet
252Kb / 10P
   315/433MHz Transmitter
EVB7108 MELEXIS-EVB7108 Datasheet
254Kb / 8P
   868/915MHz Transmitter
EVB71101 MELEXIS-EVB71101 Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71101-315-ASK-A MELEXIS-EVB71101-315-ASK-A Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71101-315-ASK-C MELEXIS-EVB71101-315-ASK-C Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
More results

Similar Description - EVB74190

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3718 HOLTIC-HI-3718 Datasheet
1Mb / 17P
   Line drivers have independent tri-state control
logo
Intersil Corporation
HIP1011ECA-T INTERSIL-HIP1011ECA-T Datasheet
356Kb / 15P
   Independent Power Control of 2 PCI Slots
logo
Texas Instruments
TPIC5203 TI1-TPIC5203 Datasheet
261Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
logo
List of Unclassifed Man...
UDN-5703A ETC1-UDN-5703A Datasheet
235Kb / 4P
   QUAD 2-INPUT PERIPHERAL/POWER DRIVERS
logo
STMicroelectronics
STEVAL-ISA053V2 STMICROELECTRONICS-STEVAL-ISA053V2 Datasheet
179Kb / 4P
   Independent power good signals
June 2008 Rev 1
logo
Texas Instruments
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI1-TPIC5223L_11 Datasheet
268Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
logo
Vecow Co., Ltd.
ECS-8000-2G VECOW-ECS-8000-2G Datasheet
564Kb / 2P
   2 Independent Gigabit LAN, iAMT 9.5 supported
logo
API Technologies Corp
DDF2311 APITECH-DDF2311 Datasheet
1Mb / 1P
   2-, 3- & 4-CHANNEL HIGH SPEED DRIVERS
DDF4311 APITECH-DDF4311 Datasheet
1Mb / 1P
   2-, 3- & 4-CHANNEL HIGH SPEED DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com