Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D7V0H1U2LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part No. D7V0H1U2LP
Description  1 CHANNEL UNIDIRECTIONAL TVS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D7V0H1U2LP Datasheet(HTML) 2 Page - Diodes Incorporated

  D7V0H1U2LP Datasheet HTML 1Page - Diodes Incorporated D7V0H1U2LP Datasheet HTML 2Page - Diodes Incorporated D7V0H1U2LP Datasheet HTML 3Page - Diodes Incorporated D7V0H1U2LP Datasheet HTML 4Page - Diodes Incorporated D7V0H1U2LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D7V0H1U2LP
Document number: DS39525 Rev. 1 - 2
2 of 5
www.diodes.com
December 2017
© Diodes Incorporated
D7V0H1U2LP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Power Dissipation
PPP
270
W
8/20µs, See Figure 3
Peak Pulse Current
IPP
24
A
8/20µs, See Figure 3
ESD Protection
– Contact Discharge
VESD_CONTACT
±30
kV
IEC 61000-4-2 Standard
ESD Protection
– Air Discharge
VESD_AIR
±30
kV
IEC 61000-4-2 Standard
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Working Voltage
VRWM
7.0
V
Reverse Current (Note 6)
IR
0.1
1.0
A
VR = VRWM = 7.0V
Reverse Breakdown Voltage
VBR
7.5
9.5
V
IR = 1mA
Reverse Clamping Voltage
VCL
10.6
V
IPP = 5A, tp = 8/20μs
14.4
IPP = 24A, tp = 8/20μs
Capacitance
CT
150
pF
VR = 0V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes
’ suggested pad layout, per http://www.diodes.com/package-outlines.html.
6. Short duration pulse test used to minimize self-heating effect.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn