Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D7V0H1U2LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. D7V0H1U2LP
Description  1 CHANNEL UNIDIRECTIONAL TVS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D7V0H1U2LP Datasheet(HTML) 1 Page - Diodes Incorporated

  D7V0H1U2LP Datasheet HTML 1Page - Diodes Incorporated D7V0H1U2LP Datasheet HTML 2Page - Diodes Incorporated D7V0H1U2LP Datasheet HTML 3Page - Diodes Incorporated D7V0H1U2LP Datasheet HTML 4Page - Diodes Incorporated D7V0H1U2LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D7V0H1U2LP
Document number: DS39525 Rev. 1 - 2
1 of 5
www.diodes.com
December 2017
© Diodes Incorporated
D7V0H1U2LP
1 CHANNEL UNIDIRECTIONAL TVS
Product Summary
VBR (Min)
IPP (Max)
CT (Typ)
7.5V
24A
150pF
Description
This new generation TVS is designed to protect sensitive electronics
from the damage due to ESD. The combination of small size and high
ESD surge capability makes it ideal for use in portable applications
such as cellular phones, digital cameras, and MP3 players.
Applications
Cellular Handsets
Portable Electronics
Computers and Peripheral
Features
Low Profile Package (0.53mm Max) and Ultra-Small PCB Footprint
Area (1.08mm * 0.68mm Max) Suitable for Compact Portable
Electronics
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
1 Channel of ESD Protection
Low Channel Input Capacitance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: X1-DFN1006-2
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: NiPdAu over Copper Leadframe. Solderable per MIL-
STD-202, Method 208
Weight: 0.001 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity Per Reel
D7V0H1U2LP-7B
Standard
P4
7
8
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Device Schematic
Bottom View
X1-DFN1006-2
Pin 2
Pin 1
P4 = Product Type Marking Code
Bar Denotes Pin 1 or Cathode Side
P4
e4


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn