Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH5110-38 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SFH5110-38
Description  IR-Receiver for Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SFH5110-38 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SFH5110-38 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFH5110-38 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFH5110-38 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFH5110-38 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFH5110-38 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFH5110-38 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFH5110-38 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH 5110, SFH 5111
2001-12-10
3
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min.
typ.
max.
Stromaufnahme,
V
CC = 5 V, E = 0
Current consumption
I
CC
–1.3
–mA
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
s max
940
nm
Spektraler Bereich der Fotoempfindlichkeit
Spectral range of sensitivity
λ
830
1100
nm
Ausgangsspannung
Output voltage
Output “High” - (
I
q = 10 µA)
Output “Low” - (
I
q = 500 µA)
V
OUT high
V
OUT low
V
S – 0.5
0.5
V
Trägerfrequenz
Carrier frequency
f
0
–30
33
36
38
40
–kHz
Min. Bestrahlungsstärke (Testsignal, s. Fig. 3)
Min. Threshold irradiance (test signal, see Fig. 3)
f = f
0, tp,I = 600 µs
E
e min
0.35
0.5
mW/m2
Min. Eingangspulsbreite „ON“
(Testsignal, s. Fig. 3)
1)
Min. Input pulse width “ON”
(test signal, see Fig. 3)
1)
1)
Die volle Empfindlichkeit wird bei einer Burstlänge von mindestens 6 Pulsen erreicht. Die Reichweite bei
Verwendung eines typischen Senders (SFH 4510/SFH 4515,
I
F = 500 mA) beträgt etwa 30 m.
1)
A minimum burst length of 6 pulses is necessary for full sensitivity. The transmission distance with a typical
transmitter (SFH 4510/SFH 4515,
I
F = 500 mA) is about 30 m.
t
p,I
6/
f
O
––
µs
Ausgangspulsbreite „ON“
(Testsignal, s. Fig. 3)
Output pulse width “ON” (test signal, see Fig. 3,
E
e = 1 mW/m
2)
t
p,O
t
p,I
– 6/
f
O
t
p,I
+ 6/
f
O
µs
50%-Filterbandbreite,
f = f
O, EV = 0, VCC = 5 V
50%-Filter bandwidth
f
50%
3–6kHz


Similar Part No. - SFH5110-38

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH5110-38 INFINEON-SFH5110-38 Datasheet
48Kb / 7P
   IR-Receiver for Remote Control Systems
2000-01-01
logo
OSRAM GmbH
SFH5110-38 OSRAM-SFH5110-38 Datasheet
144Kb / 9P
   IR-Empfanger fur Fernbedienungen IR-Receiver for Remote Control Systems Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - SFH5110-38

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH5110 INFINEON-SFH5110 Datasheet
48Kb / 7P
   IR-Receiver for Remote Control Systems
2000-01-01
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com