Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHF5110 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SHF5110
Description  IR-Receiver for Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SHF5110 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SHF5110 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHF5110 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHF5110 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHF5110 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHF5110 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHF5110 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHF5110 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2001-12-10
2
SFH 5110, SFH 5111
Typ
Type
Trägerfrequ.
Carrier
Frequency
kHz
Bestellnr.
Ordering Code
Typ
Type
Trägerfrequ.
Carrier
Frequency
kHz
Bestellnr.
Ordering Code
SFH 5110-30
30
Q62702-P5088
SFH 5111-30
30
Q62702-P5257
SFH 5110-33
33
Q62702-P5089
SFH 5111-33
33
Q62702-P5258
SFH 5110-36
36
Q62702-P5090
SFH 5111-36
36
Q62702-P5259
SFH 5110-38
38
Q62702-P5091
SFH 5111-38
38
Q62702-P5260
SFH 5110-40
40
Q62702-P5092
SFH 5111-40
40
Q62702-P5261
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operation and storage temperature range
T
op
T
stg
– 10 … + 75
– 30 … + 100
°C
Betriebsspannung
Supply voltage
V
CC
6.3
V
Ausgangsspannung
Output voltage
V
OUT
6.3
V
Ausgangsstrom
Output current
I
OUT
3mA
Verlustleistung
Total power dissipation,
T
A ≤ 85 °C
P
tot
50
mW
Empfohlener Arbeitsbereich
Recommended Operating Conditions
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min.
typ.
max.
Betriebstemperatur
Operating temperature
T
op
–10
75
°C
Betriebsspannung
Supply Voltage
V
cc
4.5
5.0
5.5
V


Similar Part No. - SHF5110

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SHF SAMTEC-SHF Datasheet
179Kb / 1P
   SHROUDED AND EJECTOR IDC HEADER (1.27 mm) .050" PITCH
SHF SAMTEC-SHF Datasheet
275Kb / 1P
   TIGER EYE™ FLAT IDC WIRE CABLES (1.27 mm) .050" PITCH
logo
List of Unclassifed Man...
SHF-001T-0.8BS ETC2-SHF-001T-0.8BS Datasheet
232Kb / 8P
   Crimping tools and machines
SHF-001T-0.8BS ETC2-SHF-001T-0.8BS Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
SHF-002T-0.8BS ETC2-SHF-002T-0.8BS Datasheet
232Kb / 8P
   Crimping tools and machines
More results

Similar Description - SHF5110

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH5110 INFINEON-SFH5110 Datasheet
48Kb / 7P
   IR-Receiver for Remote Control Systems
2000-01-01
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com