Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMM366S1623CTY Datasheet(PDF) 10 Page - Samsung semiconductor

Part # KMM366S1623CTY
Description  PC100 SDRAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM366S1623CTY Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button KMM366S1623CTY Datasheet HTML 3Page - Samsung semiconductor KMM366S1623CTY Datasheet HTML 4Page - Samsung semiconductor KMM366S1623CTY Datasheet HTML 5Page - Samsung semiconductor KMM366S1623CTY Datasheet HTML 6Page - Samsung semiconductor KMM366S1623CTY Datasheet HTML 7Page - Samsung semiconductor KMM366S1623CTY Datasheet HTML 8Page - Samsung semiconductor KMM366S1623CTY Datasheet HTML 9Page - Samsung semiconductor KMM366S1623CTY Datasheet HTML 10Page - Samsung semiconductor KMM366S1623CTY Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PC100 SDRAM MODULE
KMM366S1623CTY
REV. 0 August 1998
Preliminary
PACKAGE DIMENSIONS
0.050
0.010 Max
(0.250 Max)
0.150 Max
0.050
± 0.0039
(1.270
± 0.10)
(1.270)
Detail C
0.250
(6.350)
Detail A
0.123
± 0.005
(3.125
± 0.125)
0.250
(6.350)
Detail B
0.123
± 0.005
(3.125
± 0.125)
0.079
± 0.004
(2.000
± 0.100)
0.079
± 0.004
(2.000
± 0.100)
(3.81 Max)
Tolerances :
± 0.005(.13) unless otherwise specified
The used device is 8Mx8 SDRAM, TSOP
SDRAM Part No. : KM48S8030CT
0.039
± 0.002
(1.000
± 0.050)
5.250
5.014
Units : Inches (Millimeters)
R 0.079
(R 2.000)
0.250
(6.350)
1.450
(36.830)
2.150
(54.61)
0.350
.118DIA
± 0.004
(3.000DIA
± 0.100)
(8.890)
A
B
C
0.250
(6.350)
.450
(11.430)
4.550
(115.57)
0.157
± 0.004
(4.000
± 0.100)
0.089
(2.26)
(127.350)
(133.350)
0.118
(3.000)


Similar Part No. - KMM366S1623CTY

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM366S1623CT-G8 SAMSUNG-KMM366S1623CT-G8 Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
KMM366S1623CT-GH SAMSUNG-KMM366S1623CT-GH Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
KMM366S1623CT-GL SAMSUNG-KMM366S1623CT-GL Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
More results

Similar Description - KMM366S1623CTY

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM374S403CT SAMSUNG-KMM374S403CT Datasheet
152Kb / 11P
   PC100 SDRAM MODULE
KMM366S1623BT SAMSUNG-KMM366S1623BT Datasheet
527Kb / 11P
   PC100 SDRAM MODULE
PC100 SAMSUNG-PC100 Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
logo
List of Unclassifed Man...
KVR100X64C3256 ETC1-KVR100X64C3256 Datasheet
33Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
KVR100X64C2256 ETC1-KVR100X64C2256 Datasheet
33Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
KVR100X64C3128 ETC1-KVR100X64C3128 Datasheet
32Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
logo
Samsung semiconductor
M374S6453CTS SAMSUNG-M374S6453CTS Datasheet
165Kb / 11P
   M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
logo
Mosel Vitelic, Corp
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43644R04VCTG-10PC MOSEL-V43644R04VCTG-10PC Datasheet
54Kb / 11P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43648S04VCTG-10PC MOSEL-V43648S04VCTG-10PC Datasheet
63Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com