Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE891M Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE891M
Description  Integrated Circuit Dual Audio Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE891M Datasheet(HTML) 1 Page - NTE Electronics

  NTE891M Datasheet HTML 1Page - NTE Electronics NTE891M Datasheet HTML 2Page - NTE Electronics NTE891M Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE891M & NTE891SM
Integrated Circuit
Dual Audio Operational Amplifier
Description:
The NTE891M and NTE891SM are dual general purpose operational amplifiers designed with partic-
ular emphasis on performance in audio systems. Thiese devices deliver low noise, high speed and
wide bandwidth without increasing external components for all closed loop gains and is therefore opti-
mized for all preamp and high level stages in PCM and HiFi systems.
Features:
D Wide Dynamic Range
D Low Input Noise Voltage
D High Slew Rate
D High Gain Bandwidth Product
D Wide Power Bandwidth
D Low Distortion
D Low Offset Voltage
D Large Phase Margin
D Available in 8–Lead Mini DIP (NTE891M) and Surface Mount SOIC–8 (NTE891SM)
Absolute Maximum Ratings:
Supply Voltage, VCC – VEE
36V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential Input Voltage (Note 1), VID
±30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage Range (Note 1), VIC
±15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Note 2), PD
500mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–40
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–60
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Soldering Temperature (10 seconds), TL
+260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. If supply voltage is less than
±15V, it is equal to supply voltage.
Note 2. This is a permissible value at TA ≤ +85°C.


Similar Part No. - NTE891M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE89 NTE-NTE89 Datasheet
22Kb / 2P
   Silicon NPN Transistor Color TV Horizontal Output w/Internal Damper Diode
NTE890 NTE-NTE890 Datasheet
22Kb / 2P
   Integrated Circuit Voltage to Frequency Converter
NTE894 NTE-NTE894 Datasheet
28Kb / 3P
   Integrated Circuit Low Noise Operational Amplifier
NTE894M NTE-NTE894M Datasheet
28Kb / 3P
   Integrated Circuit Low Noise Operational Amplifier
NTE894SM NTE-NTE894SM Datasheet
28Kb / 3P
   Integrated Circuit Low Noise Operational Amplifier
More results

Similar Description - NTE891M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE949 NTE-NTE949 Datasheet
28Kb / 3P
   Integrated Circuit Dual Audio Operational Amplifier/Preamplifier
NTE778A NTE-NTE778A Datasheet
27Kb / 3P
   Integrated Circuit Dual Operational Amplifier
NTE947 NTE-NTE947 Datasheet
29Kb / 3P
   Integrated Circuit Dual Operational Amplifier
NTE990 NTE-NTE990 Datasheet
24Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier
NTE1171 NTE-NTE1171 Datasheet
26Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941 NTE-NTE941 Datasheet
25Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941D NTE-NTE941D Datasheet
23Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941M NTE-NTE941M Datasheet
30Kb / 3P
   Integrated Circuit Operational Amplifier
NTE928M NTE-NTE928M Datasheet
29Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE928 NTE-NTE928 Datasheet
29Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com