Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8SGR040N8 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SGR040N8
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SGR040N8 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  COP8SGR040N8 Datasheet HTML 1Page - National Semiconductor (TI) COP8SGR040N8 Datasheet HTML 2Page - National Semiconductor (TI) COP8SGR040N8 Datasheet HTML 3Page - National Semiconductor (TI) COP8SGR040N8 Datasheet HTML 4Page - National Semiconductor (TI) COP8SGR040N8 Datasheet HTML 5Page - National Semiconductor (TI) COP8SGR040N8 Datasheet HTML 6Page - National Semiconductor (TI) COP8SGR040N8 Datasheet HTML 7Page - National Semiconductor (TI) COP8SGR040N8 Datasheet HTML 8Page - National Semiconductor (TI) COP8SGR040N8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
1.0 Device Description
1.1 ARCHITECTURE
The COP8 family is based on a modified Harvard architec-
ture, which allows data tables to be accessed directly from
program memory. This is very important with modern
microcontroller-based applications, since program memory
is usually ROM or EPROM, while data memory is usually
RAM. Consequently data tables need to be contained in
non-volatile memory, so they are not lost when the micro-
controller is powered down. In a modified Harvard architec-
ture, instruction fetch and memory data transfers can be
overlapped with a two stage pipeline, which allows the next
instruction to be fetched from program memory while the
current instruction is being executed using data memory.
This is not possible with a Von Neumann single-address bus
architecture.
The COP8 family supports a software stack scheme that
allows the user to incorporate many subroutine calls. This
capability is important when using High Level Languages.
With a hardware stack, the user is limited to a small fixed
number of stack levels.
1.2 INSTRUCTION SET
In today’s 8-bit microcontroller application arena cost/
performance, flexibility and time to market are several of the
key issues that system designers face in attempting to build
well-engineered products that compete in the marketplace.
Many of these issues can be addressed through the manner
in which a microcontroller’s instruction set handles process-
ing tasks. And that’s why COP8 family offers a unique and
code-efficient instruction set — one that provides the flexibil-
ity, functionality, reduced costs and faster time to market that
today’s microcontroller based products require.
Code efficiency is important because it enables designers to
pack more on-chip functionality into less program memory
space. Selecting a microcontroller with less program
memory size translates into lower system costs, and the
added security of knowing that more code can be packed
into the available program memory space.
1.2.1 Key Instruction Set Features
The COP8 family incorporates a unique combination of in-
struction set features, which provide designers with optimum
code efficiency and program memory utilization.
Single Byte/Single Cycle Code Execution
The efficiency is due to the fact that the majority of instruc-
tions are of the single byte variety, resulting in minimum
program space. Because compact code does not occupy a
substantial amount of program memory space, designers
can integrate additional features and functionality into the
microcontroller program memory space. Also, the majority
instructions executed by the device are single cycle, result-
ing in minimum program execution time. In fact, 77% of the
instructions are single byte single cycle, providing greater
code and I/O efficiency, and faster code execution.
1.2.2 Many Single-Byte, Multifunction Instructions
The COP8 instruction set utilizes many single-byte, multi-
function instructions. This enables a single instruction to
accomplish multiple functions, such as DRSZ, DCOR, JID,
LD (Load) and X (Exchange) instructions with post-
incrementing and post-decrementing, to name just a few
examples. In many cases, the instruction set can simulta-
neously execute as many as three functions with the same
single-byte instruction.
JID: (Jump Indirect); Single byte instruction; decodes exter-
nal events and jumps to corresponding service routines
(analogous to “DO CASE” statements in higher level lan-
guages).
LAID: (Load Accumulator-Indirect); Single byte look up table
instruction provides efficient data path from the program
memory to the CPU. This instruction can be used for table
lookup and to read the entire program memory for checksum
calculations.
RETSK: (Return Skip); Single byte instruction allows return
from subroutine and skips next instruction. Decision to
branch can be made in the subroutine itself, saving code.
AUTOINC/DEC: (Auto-Increment/Auto-Decrement); These
instructions use the two memory pointers B and X to effi-
ciently process a block of data (analogous to “FOR NEXT” in
higher level languages).
1.2.3 Bit-Level Control
Bit-level control over many of the microcontroller’s I/O ports
provides a flexible means to ease layout concerns and save
board space. All members of the COP8 family provide the
ability to set, reset and test any individual bit in the data
memory address space, including memory-mapped I/O ports
and associated registers.
1.2.4 Register Set
Three memory-mapped pointers handle register indirect ad-
dressing and software stack pointer functions. The memory
data pointers allow the option of post-incrementing or post-
decrementing with the data movement instructions (LOAD/
EXCHANGE). And 15 memory-maped registers allow de-
signers to optimize the precise implementation of certain
specific instructions.
1.3 EMI REDUCTION
The COP8SGx5 family of devices incorporates circuitry that
guards against electromagnetic interference — an increasing
problem in today’s microcontroller board designs. National’s
patented EMI reduction technology offers low EMI clock
circuitry, gradual turn-on output drivers (GTOs) and internal
I
CC smoothing filters, to help circumvent many of the EMI
issues influencing embedded control designs. National has
achieved 15 dB–20 dB reduction in EMI transmissions when
designs have incorporated its patented EMI reducing cir-
cuitry.
1.4 PACKAGING/PIN EFFICIENCY
Real estate and board configuration considerations demand
maximum space and pin efficiency, particularly given today’s
high integration and small product form factors. Microcon-
troller users try to avoid using large packages to get the I/O
needed. Large packages take valuable board space and
increases device cost, two trade-offs that microcontroller
designs can ill afford.
The COP8 family offers a wide range of packages and do not
waste pins: up to 90.9% (or 40 pins in the 44-pin package)
are devoted to useful I/O.
www.national.com
3


Similar Part No. - COP8SGR040N8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGR5 NSC-COP8SGR5 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR5 NSC-COP8SGR5 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP8SGR5 TI1-COP8SGR5 Datasheet
2Mb / 82P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
National Semiconductor ...
COP8SGR540Q3 NSC-COP8SGR540Q3 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR5740Q3 NSC-COP8SGR5740Q3 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
More results

Similar Description - COP8SGR040N8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_14 Datasheet
2Mb / 82P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
logo
National Semiconductor ...
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
logo
Texas Instruments
COP888XG_CS TI1-COP888XG_CS Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com