Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2713625 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 2713625
Description  Fixed or plug-in connection technology can be combined on up to three connection levels, with different pitches
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2713625 Datasheet(HTML) 2 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
https://www.phoenixcontact.com/us/produkte/2713625
29.01.2013   Page 2 / 9
Electronic housing - ME MAX 22.5 2-2 KMGY - 2713625
Technical data
Dimensions / positions
Length
99 mm
Constructional height
114.5 mm
Width
22.5 mm
Number of positions
16
Technical data
Ambient temperature (operation)
-40 °C ... 105 °C
Inflammability class according to UL 94
V0
Power dissipation at 20°C in the horizontal mounting position
6.1 W 12.1 W
Classifications
ETIM
ETIM 2.0
EC001031
ETIM 3.0
EC001031
ETIM 4.0
EC001031
ETIM 5.0
EC001031
UNSPSC
UNSPSC 11
31261501
UNSPSC 12.01
31261501
UNSPSC 13.2
31261501
UNSPSC 6.01
31261501
UNSPSC 7.0901
31261501
eCl@ss
eCl@ss 4.0
27180401
eCl@ss 4.1
27180401
eCl@ss 5.0
27180506
eCl@ss 5.1
27180506
eCl@ss 6.0
27180802
eCl@ss 7.0
27182702
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / cULus Recognized
Ex Approvals


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn