Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2713625 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2713625
Description  Fixed or plug-in connection technology can be combined on up to three connection levels, with different pitches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2713625 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2713625 Datasheet HTML 1Page - PHOENIX CONTACT 2713625 Datasheet HTML 2Page - PHOENIX CONTACT 2713625 Datasheet HTML 3Page - PHOENIX CONTACT 2713625 Datasheet HTML 4Page - PHOENIX CONTACT 2713625 Datasheet HTML 5Page - PHOENIX CONTACT 2713625 Datasheet HTML 6Page - PHOENIX CONTACT 2713625 Datasheet HTML 7Page - PHOENIX CONTACT 2713625 Datasheet HTML 8Page - PHOENIX CONTACT 2713625 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/us/produkte/2713625
29.01.2013   Page 1 / 9
Electronic housing - ME MAX 22.5 2-2 KMGY - 2713625
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Electronic housing consisting of: Housing shells left and right, front plate, transparent cover, metal
foot catch and spring, open housing, 16-pos. (4 x 4 pos.), width: 22.5 mm, color: Light gray
The illustration shows the
housing versions
Why buy this product
 Plug-in connection with screw, spring-cage or fast connection technology
 DIN rail bus connector as an option
 Labels for additional labeling as an option
 Large PCB surface despite compact housing dimensions
 Large front surface for high-pos. plugs or operating and setting elements
 Easy module replacement without interrupting the contact chain
 The fitted cover is easy to adapt and print
 Fixed or plug-in connection technology can be combined on up to three connection levels, with different pitches
 Functional earth ground contact as an option
 Transparent front cover can be swiveled
 
Key commercial data
Packing unit
1
Minimum order quantity
10
Catalog page
Page 620 (CC-2011)
GTIN
Custom tariff number
85369010
Country of origin
GERMANY
Technical data
General
Housing type
Complete housing
Housing material
Polyamide
Color
light gray
Dimensions / positions


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn