Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2713515 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2713515
Description  Fixed or plug-in connection technology can be combined on up to three connection levels, with different pitches
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2713515 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/us/products/2713515
11.11.2013   Page 1 / 8
Electronic housing - ME MAX 17,5 G U-U1 KMGY - 2713515
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Electronic housing consisting of: Housing shells left and right, front plate, transparent cover, metal foot catch and
spring, enclosed housing, 3-pos. (1 x 3 pos.), width: 17.5 mm, color: Light gray
The illustration shows the version
ME MAX 17,5 2-2 KMGY (open
housing) with DIN rail connector
plugged in
Product Features
 DIN rail bus connector as an option
 Labels for additional labeling as an option
 Plug-in connection with screw, spring-cage or fast connection technology
 Large front surface for high-pos. plugs or operating and setting elements
 Large PCB surface despite compact housing dimensions
 Easy module replacement without interrupting the contact chain
 The fitted cover is easy to adapt and print
 Transparent front cover can be swiveled
 Fixed or plug-in connection technology can be combined on up to three connection levels, with different pitches
 Functional earth ground contact as an option
 
Key commercial data
Packing unit
1 1
Minimum order quantity
10 1
Weight per Piece (excluding packing)
57.21 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
General
Housing type
Complete housing


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn