Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2713094 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2713094
Description  Extra slim electronic housing, pitch 6.2 mm, 4 connection levels, 8-pos. with screw connection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2713094 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2713094 Datasheet HTML 1Page - PHOENIX CONTACT 2713094 Datasheet HTML 2Page - PHOENIX CONTACT 2713094 Datasheet HTML 3Page - PHOENIX CONTACT 2713094 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
https://www.phoenixcontact.com/us/products/2713094
12.11.2013   Page 4 / 4
Electronic housing - ME MAX 6,2 SC 4-4 KMGY - 2713094
Accessories
Screwdriver tools
Screwdriver - SZF 1-0,6X3,5 - 1204517
Actuation tool, for ST terminal blocks, also suitable for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
 
 
Drawings
Dimensioned drawing
93,1
6,2
Dimensioned drawing
6,2
0,8
3,4
© Phoenix Contact 2013 - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - 2713094

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2713010 PHOENIX-2713010 Datasheet
141Kb / 7P
   When a device is unplugged from the system as a whole, the signal chain is not interrupted혯 Supply via standard MINI COMBICON plug
logo
Integrated Technology F...
271301B ITF-271301B Datasheet
191Kb / 5P
   SAW Bandpass Filter
logo
PHOENIX CONTACT
2713023 PHOENIX-2713023 Datasheet
141Kb / 7P
   Gold contacts for data transmission and power supply (125 V, 8 A)
2713065 PHOENIX-2713065 Datasheet
130Kb / 6P
   Housing base, 10-position integrated cross connector for parallel through contacting
27130800 PHOENIX-27130800 Datasheet
396Kb / 6P
   Surge protection device - DT-LAN-CAT.6
More results

Similar Description - 2713094

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2713104 PHOENIX-2713104 Datasheet
69Kb / 4P
   Extra slim electronic housing, pitch 6.2 mm, 4 connection levels, 8-pos. with spring-cage connection
2869634 PHOENIX-2869634 Datasheet
56Kb / 3P
   Extra slim electronic housing for DIN rail bus connector, pitch 6.2 mm, 4 connection levels, 8-pos. with screw connection
2869647 PHOENIX-2869647 Datasheet
57Kb / 4P
   Extra slim electronic housing for DIN rail bus connector, pitch 6.2 mm, 4 connection levels, 8-pos. with springcage connection
1605881 PHOENIX-1605881 Datasheet
315Kb / 7P
   TU-00000004100 - Housing screw connection
2944122 PHOENIX-2944122 Datasheet
180Kb / 8P
   Electronic housing, for PCB insertion, without screw connection terminal blocks
2279020 PHOENIX-2279020 Datasheet
48Kb / 3P
   Electronic housing, design width 12.5 mm, 3 connection levels per side, for DIN rail bus connectors
logo
WECO ELECTRICAL CONNECT...
130-A WECO-130-A Datasheet
376Kb / 2P
   Screw connection
04.15
950-FL-DS WECO-950-FL-DS Datasheet
170Kb / 1P
   Screw connection
06.11
logo
PHOENIX CONTACT
3045855 PHOENIX-3045855 Datasheet
111Kb / 5P
   Connectors, Type of connection: Screw connection
2947378 PHOENIX-2947378 Datasheet
113Kb / 4P
   Electronic housing, for PCB insertion, without screw connection terminal blocks and cover
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com