Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2316417 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2316417
Description  Connect up to 12 Foundation Fieldbus or PROFIBUS PA field devices
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2316417 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2316417
10/04/2018   Page 1 / 3
Terminal box - FB2-S1-12SP-T-0-16-00-0-0 - 2316417
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Stainless steel field junction box with 16 ports for use in hazardous locations. Includes 12-spur block
device coupler (FB-12SP) for Foundation Fieldbus or PROFIBUS PA, three terminal blocks for trunk cable
connection (+, –, S).
Product Description
FF/PA - 12-spur block junction box
Why buy this product
 Connect up to 12 Foundation Fieldbus or PROFIBUS PA field devices
 Terminator preinstalled
 Provides current limiting short-circuit protection per spur
 Single-sided plug configuration eliminates cable bend radius issues
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626301754
Technical data
Dimensions
Width
355.6 mm
Height
304.8 mm
Depth
127 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Altitude
2000 m
Degree of protection
IP66
General


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn