Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT8673F Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # IT8673F
Description  Advanced Input / Output (Advanced I/O) Preliminary Specification V0.5
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IT8673F Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button IT8673F Datasheet HTML 62Page - List of Unclassifed Manufacturers IT8673F Datasheet HTML 63Page - List of Unclassifed Manufacturers IT8673F Datasheet HTML 64Page - List of Unclassifed Manufacturers IT8673F Datasheet HTML 65Page - List of Unclassifed Manufacturers IT8673F Datasheet HTML 66Page - List of Unclassifed Manufacturers IT8673F Datasheet HTML 67Page - List of Unclassifed Manufacturers IT8673F Datasheet HTML 68Page - List of Unclassifed Manufacturers IT8673F Datasheet HTML 69Page - List of Unclassifed Manufacturers IT8673F Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 128 page
background image
IT8673F
56
11.4.10
Command Set
The FDC utilizes a defined set of commands to communicate with the host. Each command is comprised of
a unique first byte, which contains the op-code, and a series of additional bytes, which contain the required
set of parameters and results. The op-code byte indicates to the FDC how many additional bytes should be
expected for the command being written. The descriptions use a common set of parameter byte symbols,
which are presented in Table 11-14. The FDC commands may be executed whenever the FDC is in the
Command phase. The FDC checks to see that the first byte is a valid command and, if so, proceeds. An
interrupt is issued if it is not a valid command.
Table 11-14. Command Set Symbol Descriptions
Symbol
Name
Description
C
Cylinder Number
The current/selected cylinder (track) number: 0
− 255.
D
Data
The data pattern to be written into a sector.
DC3
−DC0
Drive Configuration
Bit3-0
Designate which drives are perpendicular drives on the PERPENDICULAR
MODE command.
DIR
Direction Control
Read/Write Head Step Direction Control. 0 = Step Out; 1 = Step In.
DR0, DR1
Disk Drive Select
The selected drive number: 0 or 1.
DTL
Data Length
When N is defined as 00h, DTL designates the number of data bytes which users
are going to read out or write into the Sector. When N is not 00h, DTL is
undefined.
DFIFO
Disable FIFO
A “1” will disable the FIFO (default). A “0” will enable the FIFO.
EC
Enable Count
If EC=1, DTL of VERIFY command will be SC.
EIS
Enable Implied Seek
If EIS=1, a SEEK operation will be performed before executing any READ or
WRITE command that requires the C parameter.
EOT
End of Track
The final sector number on a cylinder. During a READ or WRITE operation, the
FDC stops data transfer after the sector number is equal to EOT.
GAP2
Gap 2 Length
By PERPENDICULAR MODE command, this parameter changes Gap 2 length in
the format.
GPL
Gap Length
The length of Gap 3. During a FORMAT command, it determines the size of Gap
3.
H
Head Address
The Head number 0 or 1, as specified in the sector ID field. (H = HD in all
command words.)
HD
Head
The selected Head number 0 or 1. Also controls the polarity of HDSEL#. (H = HD
in all command words.)
HLT
Head Load Time
The Head Load Time in the FDD (2 to 254 ms in 2 ms increments).
HUT
Head Unload Time
The Head Unload Time after a READ or WRITE operation has been executed (16
to 240 ms in 16 ms increments).
LOCK
If LOCK=1, DFIFO, FIFOTHR, and PRETRK parameters of the CONFIGURE
command will not be affected by a software reset. If LOCK=0 (default), the above
parameters will be set to their default values following a software reset.


Similar Part No. - IT8673F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IT8687R ETC-IT8687R Datasheet
85Kb / 12P
   Preliminary Specification V0.6
More results

Similar Description - IT8673F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OV8610 ETC1-OV8610 Datasheet
161Kb / 28P
   Advanced Information Preliminary
logo
SMSC Corporation
LPC47S45X SMSC-LPC47S45X_07 Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
LPC47S45X SMSC-LPC47S45X Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
logo
Intel Corporation
82093AA INTEL-82093AA Datasheet
178Kb / 20P
   I/O ADVANCED PROGRAMMABLE INTERRUPT CONTROLLER (IOAPIC)
logo
Advantech Co., Ltd.
WISE-4610 ADVANTECH-WISE-4610_V01 Datasheet
661Kb / 3P
   Advanced Industrial LoRa/LoRaWAN Wireless I/O Module
15-Apr-2021
WISE-4610 ADVANTECH-WISE-4610_V02 Datasheet
706Kb / 3P
   Advanced Industrial LoRa/LoRaWAN Wireless I/O Module
7-Jul-2021
logo
SMSC Corporation
LPC47M182 SMSC-LPC47M182_07 Datasheet
95Kb / 5P
   Advanced I/O Controller with Motherboard GLUE Logic
LPC47M172 SMSC-LPC47M172 Datasheet
1Mb / 227P
   ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
logo
Advantech Co., Ltd.
WISE-4610 ADVANTECH-WISE-4610 Datasheet
707Kb / 3P
   Advanced Industrial LoRa/LoRaWAN Wireless I/O Module
7-Jul-2021
logo
SMSC Corporation
LPC47M182 SMSC-LPC47M182 Datasheet
1Mb / 223P
   ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com