Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-F6628 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # STR-F6628
Description  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-F6628 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button STR-F6628 Datasheet HTML 7Page - Allegro MicroSystems STR-F6628 Datasheet HTML 8Page - Allegro MicroSystems STR-F6628 Datasheet HTML 9Page - Allegro MicroSystems STR-F6628 Datasheet HTML 10Page - Allegro MicroSystems STR-F6628 Datasheet HTML 11Page - Allegro MicroSystems STR-F6628 Datasheet HTML 12Page - Allegro MicroSystems STR-F6628 Datasheet HTML 13Page - Allegro MicroSystems STR-F6628 Datasheet HTML 14Page - Allegro MicroSystems STR-F6628 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Series STR-F6600
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
11
MOSFET Safe Operating Areas
(single pulse at T
A = +25°C)
50
5
0.5
0.05
DRAIN-SOURCE VOLTAGE in VOLTS
Dwg. GK
0.15
1.5
15
3.0
10
30
100
300
TA = +25
°C
tw =
1 m
s SIN
GLE
PU
LSE
tw =
0.1
ms
SINGLE
PULSE
LIMITED
BY
rDS(on)
50
5
0.5
0.05
DRAIN-SOURCE VOLTAGE in VOLTS
Dwg. GK
0.15
1.5
15
3.0
10
30
100
300
TA = +25
°C
tw =
1 m
s S
IN
GLE
P
ULS
E
tw
=
0.1
m
s SING
LE
PULSE
LIMITED
BY
rDS(on)
50
5
0.5
0.05
DRAIN-SOURCE VOLTAGE in VOLTS
Dwg. GK
0.15
1.5
15
3.0
10
30
100
300
TA = +25
°C
tw =
1 ms
SINGLE
PULSE
tw =
0.1
ms
SINGLE
PULSE
LIMITED
BY
rDS(on)
50
5
0.5
0.05
DRAIN-SOURCE VOLTAGE in VOLTS
Dwg. GK
0.15
1.5
15
3.0
10
30
100
300
TA = +25
°C
tw =
1 ms
SINGLE
PULSE
tw =
0.1
ms
SINGLE
PULSE
LIMITED
BY
rDS(on)
STR-F6652
STR-F6653
STR-F6654
STR-F6656


Similar Part No. - STR-F6628

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-F6628 SANKEN-STR-F6628 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Allegro MicroSystems
STR-F6628 ALLEGRO-STR-F6628 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
logo
Sanken electric
STR-F6628 SANKEN-STR-F6628 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Allegro MicroSystems
STR-F6628 ALLEGRO-STR-F6628 Datasheet
282Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
More results

Similar Description - STR-F6628

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-F6600 ALLEGRO-STR-F6600 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
STRF6676 ALLEGRO-STRF6676 Datasheet
282Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N ALLEGRO-STR-X6759N Datasheet
520Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com