Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STRF6626 Datasheet(PDF) 12 Page - Allegro MicroSystems

Part No. STRF6626
Description  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

STRF6626 Datasheet(HTML) 12 Page - Allegro MicroSystems

 
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Series STR-F6600
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
12
TM
MOSFET Safe Operating Areas (cont)
(single pulse at T
A = +25°C)
50
5
0.5
0.05
DRAIN-SOURCE VOLTAGE in VOLTS
Dwg. GK
0.15
1.5
15
3.0
10
30
100
300
TA = +25
°C
tw =
1
ms
SINGLE
PULSE
tw =
0.1
m
s S
IN
GL
E P
UL
SE
LIMITED
BY
rDS(on)
50
5
0.5
0.05
DRAIN-SOURCE VOLTAGE in VOLTS
Dwg. GK
0.15
1.5
15
3.0
10
30
100
300
TA = +25
°C
tw =
1 ms
SINGLE
PULSE
tw =
0.1
ms
SINGLE
PULS
E
LIMITED
BY
rDS(on)
STR-F6672
STR-F6676
1.0
0.6
0.2
50
100
FRAME TEMPERATURE in
°C
Dwg. G
0.4
0.8
0
25
75
125
S.O.A. Derating
Drain Switching Current (I
D) Derating
20
12
4.0
1.0
SOURCE-TO-GROUND VOLTAGE (V2-V5) in VOLTS
Dwg
8.0
16
0
0.8
0.9
1.1
STR-F6656
STR-F6654
STR-F6652 & STR-F6672
STR-F6653
STR-F6672
TA = -20
°C to +125°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn