Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STRF6626 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part No. STRF6626
Description  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

STRF6626 Datasheet(HTML) 11 Page - Allegro MicroSystems

Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Series STR-F6600
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
11
MOSFET Safe Operating Areas
(single pulse at T
A = +25°C)
50
5
0.5
0.05
DRAIN-SOURCE VOLTAGE in VOLTS
Dwg. GK
0.15
1.5
15
3.0
10
30
100
300
TA = +25
°C
tw =
1 m
s SIN
GLE
PU
LSE
tw =
0.1
ms
SINGLE
PULSE
LIMITED
BY
rDS(on)
50
5
0.5
0.05
DRAIN-SOURCE VOLTAGE in VOLTS
Dwg. GK
0.15
1.5
15
3.0
10
30
100
300
TA = +25
°C
tw =
1 m
s S
IN
GLE
P
ULS
E
tw
=
0.1
m
s SING
LE
PULSE
LIMITED
BY
rDS(on)
50
5
0.5
0.05
DRAIN-SOURCE VOLTAGE in VOLTS
Dwg. GK
0.15
1.5
15
3.0
10
30
100
300
TA = +25
°C
tw =
1 ms
SINGLE
PULSE
tw =
0.1
ms
SINGLE
PULSE
LIMITED
BY
rDS(on)
50
5
0.5
0.05
DRAIN-SOURCE VOLTAGE in VOLTS
Dwg. GK
0.15
1.5
15
3.0
10
30
100
300
TA = +25
°C
tw =
1 ms
SINGLE
PULSE
tw =
0.1
ms
SINGLE
PULSE
LIMITED
BY
rDS(on)
STR-F6652
STR-F6653
STR-F6654
STR-F6656


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn