Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3212200 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 3212200
Description  The compact design and front connection enable wiring in a confined space
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3212200 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3212200 Datasheet HTML 1Page - PHOENIX CONTACT 3212200 Datasheet HTML 2Page - PHOENIX CONTACT 3212200 Datasheet HTML 3Page - PHOENIX CONTACT 3212200 Datasheet HTML 4Page - PHOENIX CONTACT 3212200 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/3212200
09/06/2018   Page 1 / 5
Feed-through terminal block - PT 4-TWIN/1P - 3212200
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Feed-through terminal block, connection method: Push-in / plug connection, cross section: 0.2 mm² - 6 mm²,
AWG: 24 - 12, width: 6.2 mm, color: gray, mounting: NS 35/7,5, NS 35/15
Why buy this product
 The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free
wiring of conductors with ferrules or solid conductors
 The compact design and front connection enable wiring in a confined space
 In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
Key Commercial Data
Packing unit
50 STK
Minimum order quantity
50 STK
GTIN
GTIN
4055626051093
Technical data
General
Number of levels
1
Number of connections
3
Potentials
1
Nominal cross section
4 mm²
Color
gray
Insulating material
PA
Flammability rating according to UL 94
V0
Rated surge voltage
8 kV
Degree of pollution
3
Overvoltage category
III
Insulating material group
I
Maximum power dissipation for nominal condition
1.02 W


Similar Part No. - 3212200

ManufacturerPart No.DatasheetDescription
Meder Electronic
Meder Electronic
3212200021 MEDER-3212200021 Datasheet
101Kb / 3P
   Reed Relay
3212200121 MEDER-3212200121 Datasheet
115Kb / 3P
   Reed Relay
More results

Similar Description - 3212200

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1037089 PHOENIX-1037089 Datasheet
80Kb / 4P
   The compact design and front connection enable wiring in a confined space
Productwell Precision Elect.CO.,LTD
Productwell Precision E...
RKJXK12001 PRODUCTWELL-RKJXK12001 Datasheet
117Kb / 1P
   Compact design with a good space factor
RKJXK12005 PRODUCTWELL-RKJXK12005 Datasheet
117Kb / 1P
   Compact design with a good space factor
RKJXP0501 PRODUCTWELL-RKJXP0501 Datasheet
184Kb / 1P
   Compact design with a good space factor
RKJXP13N01 PRODUCTWELL-RKJXP13N01_14 Datasheet
150Kb / 1P
   Compact design with a good space factor.
RKJXP12001 PRODUCTWELL-RKJXP12001_14 Datasheet
122Kb / 1P
   Compact design with a good space factor
RKJXP12004 PRODUCTWELL-RKJXP12004_14 Datasheet
123Kb / 1P
   Compact design with a good space factor
PHOENIX CONTACT
PHOENIX CONTACT
1422846 PHOENIX-1422846 Datasheet
94Kb / 4P
   Extremely compact, thanks to the small wiring space and high contact density
Productwell Precision Elect.CO.,LTD
Productwell Precision E...
RKJXK12N04 PRODUCTWELL-RKJXK12N04 Datasheet
117Kb / 1P
   Compact design with a good space factor
RKJXK13N01 PRODUCTWELL-RKJXK13N01 Datasheet
113Kb / 1P
   Compact design with a good space factor
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz