Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3212200 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part No. 3212200
Description  The compact design and front connection enable wiring in a confined space
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3212200 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  3212200 Datasheet HTML 1Page - PHOENIX CONTACT 3212200 Datasheet HTML 2Page - PHOENIX CONTACT 3212200 Datasheet HTML 3Page - PHOENIX CONTACT 3212200 Datasheet HTML 4Page - PHOENIX CONTACT 3212200 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
https://www.phoenixcontact.com/pi/products/3212200
09/06/2018   Page 5 / 5
Feed-through terminal block - PT 4-TWIN/1P - 3212200
Approvals
UL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE60425
 
B
C
Nominal voltage UN
600 V
600 V
Nominal current IN
28 A
28 A
mm²/AWG/kcmil
24-10
24-10
CSA 
 http://www.csagroup.org/services-industries/product-listing/
 13631
 
B
C
Nominal voltage UN
600 V
600 V
Nominal current IN
28 A
28 A
mm²/AWG/kcmil
24-10
24-10
EAC 
 
 RU C-
DE.A*30.B.01742
cULus Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm
 
Phoenix Contact 2018 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com


Similar Part No. - 3212200

ManufacturerPart No.DatasheetDescription
Meder Electronic
Meder Electronic
3212200021 MEDER-3212200021 Datasheet
101Kb / 3P
   Reed Relay
3212200121 MEDER-3212200121 Datasheet
115Kb / 3P
   Reed Relay
More results

Similar Description - 3212200

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1037089 PHOENIX-1037089 Datasheet
80Kb / 4P
   The compact design and front connection enable wiring in a confined space
Productwell Precision Elect.CO.,LTD
Productwell Precision E...
RKJXK12001 PRODUCTWELL-RKJXK12001 Datasheet
117Kb / 1P
   Compact design with a good space factor
RKJXK12005 PRODUCTWELL-RKJXK12005 Datasheet
117Kb / 1P
   Compact design with a good space factor
RKJXP0501 PRODUCTWELL-RKJXP0501 Datasheet
184Kb / 1P
   Compact design with a good space factor
RKJXP13N01 PRODUCTWELL-RKJXP13N01_14 Datasheet
150Kb / 1P
   Compact design with a good space factor.
RKJXP12001 PRODUCTWELL-RKJXP12001_14 Datasheet
122Kb / 1P
   Compact design with a good space factor
RKJXP12004 PRODUCTWELL-RKJXP12004_14 Datasheet
123Kb / 1P
   Compact design with a good space factor
PHOENIX CONTACT
PHOENIX CONTACT
1422846 PHOENIX-1422846 Datasheet
94Kb / 4P
   Extremely compact, thanks to the small wiring space and high contact density
Productwell Precision Elect.CO.,LTD
Productwell Precision E...
RKJXK12N04 PRODUCTWELL-RKJXK12N04 Datasheet
117Kb / 1P
   Compact design with a good space factor
RKJXK13N01 PRODUCTWELL-RKJXK13N01 Datasheet
113Kb / 1P
   Compact design with a good space factor
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz