Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMPF0100NPAZES Datasheet(PDF) 82 Page - NXP Semiconductors

Part # MMPF0100NPAZES
Description  14 channel configurable power management integrated circuit
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100NPAZES Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button MMPF0100NPAZES Datasheet HTML 78Page - NXP Semiconductors MMPF0100NPAZES Datasheet HTML 79Page - NXP Semiconductors MMPF0100NPAZES Datasheet HTML 80Page - NXP Semiconductors MMPF0100NPAZES Datasheet HTML 81Page - NXP Semiconductors MMPF0100NPAZES Datasheet HTML 82Page - NXP Semiconductors MMPF0100NPAZES Datasheet HTML 83Page - NXP Semiconductors MMPF0100NPAZES Datasheet HTML 84Page - NXP Semiconductors MMPF0100NPAZES Datasheet HTML 85Page - NXP Semiconductors MMPF0100NPAZES Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
82
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6.5.2
VGEN2
VGEN1LITR
Transient line response
•IGEN1 = 75 mA
VIN1INITIAL = 1.75 V to VIN1FINAL = 2.25 V for
VGEN1[3:0] = 0000 to 1101
VIN1INITIAL = VGEN1+0.3 V to VIN1FINAL = VGEN1+0.8 V for
VGEN1[3:0] = 1110, 1111
• Refer to Figure 25
–5.0
8.0
mV
Notes
63.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied separately
from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to operate in the dropout
region of the regulator under test.
Table 102. VGEN2 electrical characteristics
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN = 3.6 V, VIN1 = 3.0 V,
VGEN2[3:0] = 1111, IGEN2 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6V, VIN1 = 3.0 V, VGEN2[3:0] = 1111, IGEN2 = 10mA and 25°C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VGEN2
VIN1
Operating input voltage
1.75
3.40
V
VGEN2NOM
Nominal output voltage
Table 91
–V
IGEN2
Operating load current
0.0
250
mA
VGEN2 active mode - DC
VGEN2TOL
Output voltage tolerance
1.75 V < VIN1 < 3.4 V
0.0 mA < IGEN2 < 250 mA
VGEN2[3:0] = 0000 to 1111
-3.0
3.0
%
VGEN2LOR
Load regulation
(VGEN2 at IGEN2 = 250 mA) - (VGEN2 at IGEN2 = 0.0 mA)
For any 1.75 V < VIN1 < 3.4 V
–0.05–
mV/mA
VGEN2LIR
Line regulation
(VGEN2 at VIN1 = 3.4 V) - (VGEN2 at VIN1 = 1.75 V)
For any 0.0 mA < IGEN2 < 250 mA
–0.50–
mV/mA
IGEN2LIM
Current limit
IGEN2 when VGEN2 is forced to VGEN2NOM/2
PF0100Z
PF0100AZ
333
305
417
417
510
510
mA
IGEN2OCP
Overcurrent protection threshold
IGEN2 required to cause the SCP function to disable LDO when
REGSCPEN = 1
PF0100Z
PF0100AZ
300
290
500
500
mA
IGEN2Q
Quiescent current
No load, Change in IVIN and IVIN1
When VGEN2 enabled
–16
μA
Table 101. VGEN1 electrical characteristics (continued)
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN = 3.6 V, VIN1 = 3.0 V,
VGEN1[3:0] = 1111, IGEN1 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6 V, IN1 = 3.0 V, VGEN1[3:0] = 1111, IGEN1 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes


Similar Part No. - MMPF0100NPAZES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMPF0100NPAZES NXP-MMPF0100NPAZES Datasheet
1Mb / 128P
   14 channel configurable power management integrated circuit
Rev. 13.0, 5/2023
More results

Similar Description - MMPF0100NPAZES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMPF0100 NXP-MMPF0100_V01 Datasheet
2Mb / 137P
   14 channel configurable power management integrated circuit
Rev. 19, 4/2022
logo
Freescale Semiconductor...
MMPF0100 FREESCALE-MMPF0100 Datasheet
2Mb / 136P
   14 Channel Configurable Power Management Integrated Circuit
logo
NXP Semiconductors
PF0100Z NXP-PF0100Z Datasheet
1Mb / 128P
   14 channel configurable power management integrated circuit
Rev. 13.0, 5/2023
MMPF0100 NXP-MMPF0100_V02 Datasheet
1Mb / 137P
   14 channel configurable power management integrated circuit
Rev. 20, 5/2022
MMPF0100 NXP-MMPF0100 Datasheet
1Mb / 136P
   14 channel configurable power management integrated circuit
Rev. 18, 7/2019
MMPF0200 NXP-MMPF0200 Datasheet
2Mb / 114P
   12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
MMPF0200 NXP-MMPF0200_V01 Datasheet
2Mb / 115P
   12 channel configurable power management integrated circuit
Rev. 8, 4/2022
MMPF0200F0AEP NXP-MMPF0200F0AEP Datasheet
2Mb / 114P
   12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
MMPF0200Z NXP-MMPF0200Z Datasheet
2Mb / 118P
   12 Channel Configurable Power Management Integrated Circuit
Rev. 2.0, 11/2014
PF4210 NXP-PF4210 Datasheet
1Mb / 137P
   14-channel power management integrated circuit (PMIC) for audio/video applications
Rev. 2.0-14 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com